Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA-67753F-Q0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCA-67753F-Q0A1E
Description  VIA Mark ISA Half-size SBC, with VGA/LVDS/TTL/LAN/SSD/USB 1.1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-67753F-Q0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCA-67753F-Q0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCA-67753F-Q0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot Single Board Computers
All product specifications are subject to change without notice
Last updated : 19-May-2009
Features
VIA Mark 533/800 MHz CPU
128 MB Memory onboard, supports 1 SODIMM socket SDRAM up to 512 MB
10/100 Mbps Ethernet
Low power consumption and fanless
Specifications
Processor System
CPU
VIA Mark
Max. Speed
533/800 MHz
L2 Cache
64 KB
Chipset
VIA Mark + 686B
BIOS
Award 4 Mbit ISA
Bus
Front Side Bus
133 MHz
PCI
-
ISA
16-bit/Gold Finger
Memory
Technology
PC133 SDRAM
Max. Capacity
512 MB
Socket
144-pin SDRAM SODIMM x 1
Graphics
Controller
Chipset integrated VGA controller
VGA mode:1920 x 1440 @ 75 Hz
LCD mode:1600 x 1200
VRAM
Shared with system memory up to 8/16/32 MB
LVDS
36-bit LVDS
TTL
36-bit TTL LCD
Dual Display
VGA+LVDS or VGA+TTL
Ethernet
Interface
10/100 Mbps
Controller
RTL8100C
Connector
RJ-45
EIDE
Mode
ATA 100/66/33
Channel
2
SATA (150MB/s)
Ports
-
I/O Interface
USB
Max. 4 (USB 1.1 compliant)
Serial
1 (RS-232)/1 (RS-232/RS-422/RS-485)
Parallel
1
FDD
1
PS/2
1 (for mouse and keyboard, Y-cable included)
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable, 0 ~ 62 sec.
Miscellaneous
Audio Output
AC97 Audio interface (requires an audio extension module P/N: PCM-231A-00A1E)
Solid State Disk
CompactFlash socket (Type I/II)
Power Requirement
Typical
VIA Mark 533 MHz with 256 MB SDRAM
+12 V (0.04 A)
+5 V (2.2 A)
Max
VIA Mark 533 MHz with 256 MB SDRAM
+12 V (0.01 A)
+5 V (1.64 A)
Environment
Temperature
Operating
Non-Operating (Storage)
0 ~ 60° C (32 ~ 140° F) (operation humidity:
40° C @ 85% RH Non-Condensing)
-40° C ~ 85° C and 60° C @ 95% RH
Non-Condensing
Physical
Dimensions
185 mm (L) x 122 mm (W) (7.3" x 4.8")
PCA-6775
VIA Mark ISA Half-size SBC, with
VGA/LVDS/TTL/LAN/SSD/USB 1.1


Similar Part No. - PCA-67753F-Q0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6742 ADVANTECH-PCA-6742 Datasheet
324Kb / 2P
   ISA half-sized SBC, Advantech EVA-X4300, VGA/LCD/LAN/CFC/USB and PC104
PCA-6742LV-00A1E ADVANTECH-PCA-6742LV-00A1E Datasheet
324Kb / 2P
   ISA half-sized SBC, Advantech EVA-X4300, VGA/LCD/LAN/CFC/USB and PC104
PCA-6742LV-00A1E ADVANTECH-PCA-6742LV-00A1E Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCA-6742LV-00A1E ADVANTECH-PCA-6742LV-00A1E Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCA-6742VE-00A1E ADVANTECH-PCA-6742VE-00A1E Datasheet
324Kb / 2P
   ISA half-sized SBC, Advantech EVA-X4300, VGA/LCD/LAN/CFC/USB and PC104
More results

Similar Description - PCA-67753F-Q0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9377 ADVANTECH-PCM-9377 Datasheet
1Mb / 3P
   3.5" SBC with VIA Mark, VGA/ LCD/ LVDS/ LAN/ USB
PCA-6743VE-Q0A2E ADVANTECH-PCA-6743VE-Q0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6743F-L0A2E ADVANTECH-PCA-6743F-L0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6743 ADVANTECH-PCA-6743 Datasheet
368Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6781 ADVANTECH-PCA-6781 Datasheet
1Mb / 2P
   ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
PCI-6886 ADVANTECH-PCI-6886 Datasheet
370Kb / 2P
   Intel짰 Celeron짰 M PCI Half-sized SBC with VGA/LVDS/LAN/USB 2.0/SATA and SSD
PCA-6742 ADVANTECH-PCA-6742_11 Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCA-6742VE-00A1E ADVANTECH-PCA-6742VE-00A1E Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCM-9361 ADVANTECH-PCM-9361 Datasheet
1Mb / 3P
   3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
PCI-6873 ADVANTECH-PCI-6873 Datasheet
395Kb / 2P
   AMD Geode??LX800 PCI Half-sized SBC with VGA/LCD/LVDS/LAN/SATA and SSD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com