Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1T3157 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NX3L1T3157
Description  Low-ohmic single-pole double-throw analog switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L1T3157 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NX3L1T3157 Datasheet HTML 6Page - NXP Semiconductors NX3L1T3157 Datasheet HTML 7Page - NXP Semiconductors NX3L1T3157 Datasheet HTML 8Page - NXP Semiconductors NX3L1T3157 Datasheet HTML 9Page - NXP Semiconductors NX3L1T3157 Datasheet HTML 10Page - NXP Semiconductors NX3L1T3157 Datasheet HTML 11Page - NXP Semiconductors NX3L1T3157 Datasheet HTML 12Page - NXP Semiconductors NX3L1T3157 Datasheet HTML 13Page - NXP Semiconductors NX3L1T3157 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NX3L1T3157_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 21 January 2010
10 of 21
NXP Semiconductors
NX3L1T3157
Low-ohmic single-pole double-throw analog switch
12. Dynamic characteristics
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
(4) Tamb = −40 °C.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
(4) Tamb = −40 °C.
Fig 13. ON resistance as a function of input voltage;
VCC = 3.3 V
Fig 14. ON resistance as a function of input voltage;
VCC = 4.3 V
VI (V)
04
3
12
001aag569
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)
VI (V)
05
4
23
1
001aaj896
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 17.
Symbol
Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
ten
enable time
S to Z or Yn;
see Figure 15
VCC = 1.4 V to 1.6 V
-
50
90
-
120
120
ns
VCC = 1.65 V to 1.95 V
-
36
70
-
80
90
ns
VCC = 2.3 V to 2.7 V
-
24
45
-
50
55
ns
VCC = 2.7 V to 3.6 V
-
22
40
-
45
50
ns
VCC = 3.6 V to 4.3 V
-
22
40
-
45
50
ns
tdis
disable time
S to Z or Yn;
see Figure 15
VCC = 1.4 V to 1.6 V
-
32
70
-
80
90
ns
VCC = 1.65 V to 1.95 V
-
20
55
-
60
65
ns
VCC = 2.3 V to 2.7 V
-
12
25
-
30
35
ns
VCC = 2.7 V to 3.6 V
-
10
20
-
25
30
ns
VCC = 3.6 V to 4.3 V
-
10
20
-
25
30
ns


Similar Part No. - NX3L1T3157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157 Datasheet
126Kb / 19P
   Low-ohmic, single-pole, double-throw switch
Rev. 01-3 January 2008
NX3L1T3157 NXP-NX3L1T3157 Datasheet
135Kb / 20P
   Low-ohmic single-pole double-throw switch
Rev. 05-28 July 2008
NX3L1T3157GM NXP-NX3L1T3157GM Datasheet
126Kb / 19P
   Low-ohmic, single-pole, double-throw switch
Rev. 01-3 January 2008
NX3L1T3157GM NXP-NX3L1T3157GM Datasheet
135Kb / 20P
   Low-ohmic single-pole double-throw switch
Rev. 05-28 July 2008
NX3L1T3157GW NXP-NX3L1T3157GW Datasheet
135Kb / 20P
   Low-ohmic single-pole double-throw switch
Rev. 05-28 July 2008
More results

Similar Description - NX3L1T3157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
logo
NXP Semiconductors
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
NX3L1G3157 NXP-NX3L1G3157_10 Datasheet
226Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 08-26 April 2010
NX3L1G3157-Q100 NXP-NX3L1G3157-Q100 Datasheet
184Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 ??23 May 2013
logo
Nexperia B.V. All right...
XS3A1T5157 NEXPERIA-XS3A1T5157 Datasheet
290Kb / 19P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
logo
NXP Semiconductors
NX3L1G53 PHILIPS-NX3L1G53_15 Datasheet
336Kb / 24P
   Low-ohmic single-pole double-throw analog switch
Rev. 7-8 February 2013
NX3L1T53 NXP-NX3L1T53 Datasheet
520Kb / 24P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G53 NXP-NX3L1G53 Datasheet
502Kb / 23P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com