Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9536D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9536D
Description  4-bit I2C-bus and SMBus I/O port
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9536D Datasheet HTML 1Page - NXP Semiconductors PCA9536D Datasheet HTML 2Page - NXP Semiconductors PCA9536D Datasheet HTML 3Page - NXP Semiconductors PCA9536D Datasheet HTML 4Page - NXP Semiconductors PCA9536D Datasheet HTML 5Page - NXP Semiconductors PCA9536D Datasheet HTML 6Page - NXP Semiconductors PCA9536D Datasheet HTML 7Page - NXP Semiconductors PCA9536D Datasheet HTML 8Page - NXP Semiconductors PCA9536D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
2 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
3.
Ordering information
[1]
Also known as MSOP8.
4.
Block diagram
Table 1.
Ordering information
Tamb = 40 °C to +85 °C
Type
number
Topside
mark
Package
Name
Description
Version
PCA9536D
PCA9536
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
PCA9536DP
9536
TSSOP8[1]
plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
PCA9536TK
9536
HVSON8
plastic thermal enhanced very thin small
outline package; no leads; 8 terminals;
body 3
× 3 × 0.85 mm
SOT908-1
All I/Os are set to inputs at reset.
Fig 1.
Block diagram of PCA9536
PCA9536
POWER-ON
RESET
002aab851
I2C-BUS/SMBus
CONTROL
INPUT
FILTER
SCL
SDA
VDD
INPUT/
OUTPUT
PORTS
IO0
VSS
4-bit
write pulse
read pulse
IO1
IO2
IO3


Similar Part No. - PCA9536D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536D PHILIPS-PCA9536D Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
logo
Texas Instruments
PCA9536D TI-PCA9536D Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9536D PHILIPS-PCA9536D Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
Texas Instruments
PCA9536DCUR TI-PCA9536DCUR Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9536DG4 TI-PCA9536DG4 Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
More results

Similar Description - PCA9536D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PCA9536 PHILIPS-PCA9536 Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
ON Semiconductor
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com