Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 3Page - NXP Semiconductors PCF2129A Datasheet HTML 4Page - NXP Semiconductors PCF2129A Datasheet HTML 5Page - NXP Semiconductors PCF2129A Datasheet HTML 6Page - NXP Semiconductors PCF2129A Datasheet HTML 7Page - NXP Semiconductors PCF2129A Datasheet HTML 8Page - NXP Semiconductors PCF2129A Datasheet HTML 9Page - NXP Semiconductors PCF2129A Datasheet HTML 10Page - NXP Semiconductors PCF2129A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
7 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
CLKOUT control register
0Fh
CLKOUT_ctl
TCR[1:0]
---COF[2:0]
00 - - - 000
Watchdog registers
10h
Watchdg_tim_ctl
WD_CD T
TI_TP
-
-
-
TF[1:0]
000 - - - 11
11h
Watchdg_tim_val WATCHDG_TIM_VAL[7:0]
XXXX XXXX
Timestamp registers
12h
Timestp_ctl
TSM
TSOFF
-
1_O_16_TIMESTP[4:0]
00 - X XXXX
13h
Sec_timestp
-
SECOND_TIMESTP (0 to 59)
- XXX XXXX
14h
Min_timestp
-
MINUTE_TIMESTP (0 to 59)
- XXX XXXX
15h
Hour_timestp
-
-
AMPM
HOUR_TIMESTP (1 to 12) in 12 h mode
- - XX XXXX
HOUR_TIMESTP (0 to 23) in 24 h mode
- - XX XXXX
16h
Day_timestp
-
-
DAY_TIMESTP (1 to 31)
- - XX XXXX
17h
Mon_timestp
---MONTH_TIMESTP (1 to 12)
- - - X XXXX
18h
Year_timestp
YEAR_TIMESTP (0 to 99)
XXXX XXXX
Aging offset register
19h
Aging_offset
----AO[3:0]
- - - - 1000
Internal registers
1Ah
Internal_reg
--------- - - - - - - -
1Bh
Internal_reg
--------- - - - - - - -
Table 4.
Register overview …continued
Bit positions labeled as - are not implemented and will return 0 when read. Bits labeled as T must always be written with
logic 0. Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Address Register name
Bit
Reset value
7
6
5
4
3
2
1
0


Similar Part No. - PCF2129A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A Datasheet
469Kb / 69P
   Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
PCF2129A NXP-PCF2129A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF2129A NXP-PCF2129A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF2129A NXP-PCF2129A Datasheet
1Mb / 86P
   Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
PCF2129AT PHILIPS-PCF2129AT Datasheet
957Kb / 86P
   Accurate RTC with integrated quartz crystal for industrial applications
Rev. 7-19 December 2014
More results

Similar Description - PCF2129A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
   Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
PCF2129A NXP-PCF2129A_10 Datasheet
469Kb / 69P
   Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
PCF2128 PHILIPS-PCF2128 Datasheet
322Kb / 10P
   Integrated RTC / TCXO / Crystal
Rev. 00.03-4 June 2007
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
NXP Semiconductors
PCF2129T NXP-PCF2129T Datasheet
999Kb / 73P
   Accurate RTC with integrated quartz crystal for industrial
Rev. 3-12 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com