Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK2711120026 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK2711120026
Description  27mm Size Metal Shaft Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK2711120026 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK2711120026 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK2711120026 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK2711120026 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK2711120026 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK2711120026 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK2711120026 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
357
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
27mm Size Metal Shaft Type Potentiometer
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
R K 2 7 1 1 2 A 0
S 2 5
C 0
A 1 0 4
Detent
Model type
Code
111
112
12A
Model type
Single unit
Single unit, with deteut
Dual unit for vol.
Shaft type
Code
F
Shaft type
Flat
S
Slotted
Length of the shaft
(L1
(mm)
Code
15
Length of the shaft
15
20
25
30
20
25
30
Resistance taper
Code
A
V
Resistance taper
15A
3B
Total resistance
Code
502
103
Total resistance
(kΩ)
5
10
Total resistance
(kΩ)
50
100
Code
503
104
203
20
250
254
Code
C0
C1
Detent
Without
Center
21
31
41
21
31
41
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK2711120026

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK2711120026 ALPS-RK2711120026 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
List of Unclassifed Man...
RK2711120026 ETC-RK2711120026 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK2711120026

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK163 ALPS-RK163 Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com