Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN8R7-80PS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN8R7-80PS
Description  N-channel 80 V 8.7 m廓 standard level MOSFET in TO-220
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN8R7-80PS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN8R7-80PS Datasheet HTML 3Page - NXP Semiconductors PSMN8R7-80PS Datasheet HTML 4Page - NXP Semiconductors PSMN8R7-80PS Datasheet HTML 5Page - NXP Semiconductors PSMN8R7-80PS Datasheet HTML 6Page - NXP Semiconductors PSMN8R7-80PS Datasheet HTML 7Page - NXP Semiconductors PSMN8R7-80PS Datasheet HTML 8Page - NXP Semiconductors PSMN8R7-80PS Datasheet HTML 9Page - NXP Semiconductors PSMN8R7-80PS Datasheet HTML 10Page - NXP Semiconductors PSMN8R7-80PS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PSMN8R7-80PS_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 — 29 January 2010
7 of 14
NXP Semiconductors
PSMN8R7-80PS
N-channel 80 V 8.7 m
Ω standard level MOSFET in TO-220
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 10. Gate-source threshold voltage as a function of
junction temperature
Fig 11. Sub-threshold drain current as a function of
gate-source voltage
Fig 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aad457
5
10
15
20
25
4
8
12
16
20
VGS (V)
RDSon
(m
Ω)
Tj (°C)
−60
180
120
060
003aad280
2
3
1
4
5
VGS(th)
(V)
0
max
typ
min
03aa35
VGS (V)
06
4
2
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
003aae090
0
0.6
1.2
1.8
2.4
3
-60
0
60
120
180
Tj (
°C)
a


Similar Part No. - PSMN8R7-80PS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN8R7-80PS NEXPERIA-PSMN8R7-80PS Datasheet
816Kb / 15P
   N-channel 80 V 8.7 mΩ standard level MOSFET in TO-220
Rev. 02 - 1 November 2010
More results

Similar Description - PSMN8R7-80PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN8R7-80BS PHILIPS-PSMN8R7-80BS_15 Datasheet
231Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
logo
Nexperia B.V. All right...
PSMN8R7-80BS NEXPERIA-PSMN8R7-80BS Datasheet
976Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
PSMN8R7-80PS NEXPERIA-PSMN8R7-80PS Datasheet
816Kb / 15P
   N-channel 80 V 8.7 mΩ standard level MOSFET in TO-220
Rev. 02 - 1 November 2010
logo
NXP Semiconductors
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN3R5-80PS PHILIPS-PSMN3R5-80PS_15 Datasheet
244Kb / 15P
   N-channel 80 V, 3.5 m廓 standard level MOSFET in TO-220
Rev. 03-19 April 2011
logo
Nexperia B.V. All right...
PSMN3R5-80PS NEXPERIA-PSMN3R5-80PS Datasheet
825Kb / 15P
   N-channel 80 V, 3.5 m廓 standard level MOSFET in TO-220
logo
NXP Semiconductors
BUK7Y8R7-60E NXP-BUK7Y8R7-60E Datasheet
341Kb / 12P
   N-channel 60 V, 8.7 m廓 standard level MOSFET in LFPAK56
20 February 2013
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS_15 Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN5R0-100PS PHILIPS-PSMN5R0-100PS Datasheet
208Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in TO-220
Rev. 3-26 September 2011
PSMN4R3-100PS PHILIPS-PSMN4R3-100PS_15 Datasheet
202Kb / 15P
   N-channel 100 V 4.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com