Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN016-100YS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN016-100YS
Description  N-channel 100 V 16 m廓 standard level MOSFET in LFPAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN016-100YS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN016-100YS Datasheet HTML 5Page - NXP Semiconductors PSMN016-100YS Datasheet HTML 6Page - NXP Semiconductors PSMN016-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN016-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN016-100YS Datasheet HTML 9Page - NXP Semiconductors PSMN016-100YS Datasheet HTML 10Page - NXP Semiconductors PSMN016-100YS Datasheet HTML 11Page - NXP Semiconductors PSMN016-100YS Datasheet HTML 12Page - NXP Semiconductors PSMN016-100YS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PSMN016-100YS_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 25 January 2010
9 of 14
NXP Semiconductors
PSMN016-100YS
N-channel 100 V 16 m
Ω standard level MOSFET in LFPAK
Fig 17. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values
003aad894
0
10
20
30
40
50
0
0.3
0.6
0.9
1.2
VSD (V)
IS
(A)
Tj = 25
°C
Tj = 175
°C


Similar Part No. - PSMN016-100YS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN016-100YS NXP-PSMN016-100YS Datasheet
249Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 03-30 March 2010
PSMN016-100YS PHILIPS-PSMN016-100YS Datasheet
294Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 4-27 September 2011
logo
Nexperia B.V. All right...
PSMN016-100YS NEXPERIA-PSMN016-100YS Datasheet
901Kb / 15P
   N-channel 100 V 16.3 mΩ standard level MOSFET in LFPAK
Rev. 4 - 27 September 2011
logo
NXP Semiconductors
PSMN016-100YS NXP-PSMN016-100YS_10 Datasheet
249Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 03-30 March 2010
PSMN016-100YS PHILIPS-PSMN016-100YS_11 Datasheet
294Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 4-27 September 2011
More results

Similar Description - PSMN016-100YS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN016-100YS NXP-PSMN016-100YS_10 Datasheet
249Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 03-30 March 2010
PSMN016-100YS PHILIPS-PSMN016-100YS_11 Datasheet
294Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 4-27 September 2011
PSMN069-100YS PHILIPS-PSMN069-100YS Datasheet
232Kb / 15P
   N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Rev. 02-25 October 2010
PSMN039-100YS NXP-PSMN039-100YS Datasheet
245Kb / 15P
   N-channel LFPAK 100 V 39.5 m廓 standard level MOSFET
Rev. 02-2 April 2010
PSMN014-40YS NXP-PSMN014-40YS Datasheet
250Kb / 15P
   N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
Rev. 01-18 February 2010
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN2R6-40YS NXP-PSMN2R6-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 2.8 m廓 standard level MOSFET
Rev. 01-23 June 2009
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN4R0-40YS NXP-PSMN4R0-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 4.2 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN017-60YS NXP-PSMN017-60YS Datasheet
251Kb / 15P
   N-channel LFPAK 60 V 15.7 m廓 standard level MOSFET
Rev. 02-1 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com