Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POD-6552 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POD-6552
Description  Onboard Intel짰 Celeron짰 M SBC with VGA/LCD and Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POD-6552 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POD-6552 Datasheet HTML 1Page - Advantech Co., Ltd. POD-6552 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
POD-6552
Ordering Information
Part No.
CPU
L2
Cache CRT LVDS TV out 10/100
Giga
LAN Audio
USB
2.0
RS-
232
RS-232/
422/485
LPT/
FDD/
KB/MS
CF
PCI
Slot
Thermal
Solution
Operation
Temp.
POD-6552L-00A1E
Socket 479 --
Yes
18-bit Yes
1
--
Yes
6
3
1
Yes
Yes 2
Active
0 ~ 60° C
POD-6552L-M0A1E Celeron M
600 MHz
512 KB Yes
18-bit Yes
1
--
Yes
6
3
1
Yes
Yes 2
Passive
0 ~ 60° C
POD-6552L-S0A1E Celeron M
1.0 GHz
--
Yes
18-bit Yes
1
--
Yes
6
3
1
Yes
Yes 2
Passive
0 ~ 60° C
Optional Accessories
Part No.
Description
PCM-10586-6552E
Wiring kit for POD-6552
Packing List
Part No.
Description
Quantity
POD-6552 SBC
1
Startup Manual
1
Utility CD
1
1703080101
7P/Big 4P x 2 Power Cable
1
Heat sink 50 x 50 x 30 mm
(POD-6552L-M0A1E, POD-6552L-S0A1E only) 1
Cooler 50 x 50 x 35 mm
(POD-6552L-00A1E only)
1
Intel
Celeron M
processor
852 GM
DDR
SODIMM
TV Connector
DSTN (option)
TTL Connector
CS9211
VGA Connector
LVDS Connector
CH7009B-T
ICH 4
DS90CF364
Super
I/O
KB/
Mouse
COM x 4
FDD
LPT
6 USB2.0
Audio
codec
CF
IDE
LAN
chip
LAN
Connector
PCI Slot
PC/104 Connector


Similar Part No. - POD-6552

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
POD-19X10.6-6P-SW FERYSTER-POD-19X10.6-6P-SW Datasheet
129Kb / 1P
   BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
logo
Hirose Electric
POD-J-85 HIROSE-POD-J-85 Datasheet
787Kb / 6P
   RFCO-AXIAL CONNECTORS
POD-LJ-2.5V HIROSE-POD-LJ-2.5V Datasheet
787Kb / 6P
   RFCO-AXIAL CONNECTORS
POD-LP-1.5DV HIROSE-POD-LP-1.5DV Datasheet
787Kb / 6P
   RFCO-AXIAL CONNECTORS
POD-LP-2.5DV HIROSE-POD-LP-2.5DV Datasheet
787Kb / 6P
   RFCO-AXIAL CONNECTORS
More results

Similar Description - POD-6552

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9388 ADVANTECH-PCM-9388 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Celeron짰 M, VGA, LCD, LAN , USB, ISA
09-Nov-2009
logo
AAEON Technology
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
logo
Advantech Co., Ltd.
PCM-9386 ADVANTECH-PCM-9386 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, LAN, USB, MIO
09-Nov-2009
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
logo
AAEON Technology
AOP-8120XT AAEON-AOP-8120XT Datasheet
559Kb / 2P
   Onboard Intel짰 Celeron짰 M Low Power CPU
FOX-150 AAEON-FOX-150 Datasheet
459Kb / 2P
   Onboard Intel짰 Low Power Celeron짰 M Processor
logo
Advantech Co., Ltd.
PCI-6880 ADVANTECH-PCI-6880 Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6881 ADVANTECH-PCI-6881 Datasheet
372Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M PCI Half-sized SBC with VGA/LCD/LVDS/GbE LAN/USB 2.0 and SSD
PCI-6886 ADVANTECH-PCI-6886 Datasheet
370Kb / 2P
   Intel짰 Celeron짰 M PCI Half-sized SBC with VGA/LVDS/LAN/USB 2.0/SATA and SSD
logo
Axiomtek Co., Ltd.
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com