Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK14J11A0007 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14J11A0007
Description  With Knob Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14J11A0007 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK14J11A0007 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14J11A0007 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14J11A0007 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14J11A0007 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14J11A0007 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK14J11A0007 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
389
Knob
Operating
Metal
Shaft
Insulated
Shaft
Slide
Potentiometers
Rotary
Potentiometers
Knob Operating Type Potentiometers
List of Varieties
Type
Model
Items
Rated power
Insulation resistance
Voltage proof
Strength
of the
operating
section
Stopper strength
Push-pull strength
(In vertical direction against the P.W.B. surface)
Vibration
Solder
heat
resistance
Manual soldering
Dip soldering
Reflow soldering
Cold
Dry heat
Damp heat
Without knob
RK08H1
□1
RK08H1
□2
RK08H1
□3
RK10J1
□E
RK10J1
□R
RK14J1
□A
RK14J1
□R
Vertical
back-to-back mounting
0.03W
100M
Ω min. 100V DC
100V AC
(for 1minute)
0.1N
・m
70mN
・m
10N max.
5N max.
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z and for 2 hours respectively
350
℃ max. 3s max.
260
±5℃
4
±1s
Please see
P.398
Please see
P.398
Please see
P.398
−10±2℃ for 96h
−25±2℃ for 240h
70
±2℃ for 240h
70
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
Reflow
type
Insertion
type
Reflow
type
Insertion
type
Reflow
type
With knob
Maximum Attenuation or Residual Resistance
Nominal total resistance
Maximum attenuation
Nominal total resistance
Residual resistance
R
≧100kΩ
90dB min.
100k
Ω≧R≧50kΩ
0.1% or less
of nominal total resistance
100k
Ω>R≧50kΩ
80dB min.
50k
Ω>R>10kΩ
30
Ωor less
50k
Ω>R≧10kΩ
70dB min.
10k
Ω≧R
20
Ωor less
10k
Ω>R
60dB min.
※Application of non-standard
Photo
Page
390
394
Knob Operating Type Potentiometers Cautions …………………………………………………………………………399
Knob Operating Type Potentiometers Soldering Conditions ……………………………………………………………398
Contact us separately when you require reflow type taping specifications.
Note


Similar Part No. - RK14J11A0007

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14J11A0007 ALPS-RK14J11A0007 Datasheet
927Kb / 7P
   Low-profile, dip and reflow solderable
logo
List of Unclassifed Man...
RK14J11A0007 ETC-RK14J11A0007 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14J11A0007

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
   With Knob Type
RK08H ALPS-RK08H Datasheet
263Kb / 6P
   Without Knob Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
   1.5mm-travel, with External Knob Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
   1.5mm-travel, with External Knob Type
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
   Panel-Mount Fuseholder with Bayonet-type Knob
HPF COOPER-HPF Datasheet
55Kb / 1P
   Panel-Mount Fuseholder with Screw-type Knob
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
   Trimpot 10K with Knob
5??5??7
logo
Vishay Siliconix
P16S VISHAY-P16S Datasheet
106Kb / 5P
   Knob Potentiometer with Switch
Revision: 24-Sep-15
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
   Knob Potentiometer With Switch
01-Jan-2022
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com