Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSA0K11V900S Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RSA0K11V900S
Description  Motor-driven Master Type竊뉾otor N Fader, Motor K Fader竊
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSA0K11V900S Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RSA0K11V900S Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSA0K11V900S Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSA0K11V900S Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSA0K11V900S Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSA0K11V900S Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSA0K11V900S Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSA0K11V900S Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Slide
Potentiometers
Rotary
Potentiometers
442
General-use
Mixer
Motor-driven Master Type
Slide Potentiometer
(Motor N Fader)
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
For dual-units specify the taper
of the audio track. Servo track
will always be 1B taper.
Total resistance
Code
Total resistance
(kΩ)
103
10
503
50
104
100
254
250
Resistance taper
Code
Resistance taper
B
1B
A
15A
D
10A
R S 6 0 N 1 1 M
T 0
B 1 0 3
60
A0
60
100
Travel (mm)
Single-unit
Dual-unit
1
2
Number of resistor elements
Touch sense track
Code
Touch sense track
T0
Without
T1
With
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
D(10A)
A(1
5A
)
J
marked are specifications recommended by ALPS.
Note


Similar Part No. - RSA0K11V900S

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0K11V901S ALPS-RSA0K11V901S Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RSA0K11V901S ALPS-RSA0K11V901S Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
logo
List of Unclassifed Man...
RSA0K11V901S ETC-RSA0K11V901S Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RSA0K11V900S

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60K11A9000 ALPS-RS60K11A9000 Datasheet
187Kb / 5P
   Master Type竊뉻 Fader竊
RS60N111900H ALPS-RS60N111900H Datasheet
206Kb / 5P
   Low-profile Master Type竊뉿 Fader竊
RS6011SY6002 ALPS-RS6011SY6002 Datasheet
173Kb / 4P
   Low-profile Master Type竊늆uper Y Fader竊
RS60N11S4003 ALPS-RS60N11S4003 Datasheet
203Kb / 4P
   Low-profile Master Type竊늆lim Type竊
logo
Elantec Semiconductor
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
   Video Fader
logo
SanRex Corporation
TG25F SANREX-TG25F Datasheet
96Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
List of Unclassifed Man...
TG25C ETC-TG25C Datasheet
134Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com