Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCDA7A0200 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDA7A0200
Description  Connector for SD Memory Card
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDA7A0200 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SCDA7A0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDA7A0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDA7A0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCDA7A0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCDA7A0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCDA7A0200 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SCDA7A0200 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6.075
4.375
2.675
0.975
11.275
9.475
8.425
7.775
10.125
6.725
5.025
3.325
0.725
13-1
12.475
12.5
10.775 min. 8.35 max.
7.15 min.
9.65 min.
27.2 min.
27.8 min.
21
No Part Area
Land
No Pattern Area
φ
0.85
No.!1 Common
No.!0 Card
detect switch
6.725
5.025
3.325
0.725
13-0.6
No.4
No.3
No.2
No.1
No.9
10.125
8.425
11.275
9.475
7.775
6.075
4.375
2.675
0.975
No.5
No.6
No.7
No.8
No.!3 GND
Write protect
Detect switch
No.!2
(0.6)
No.!4 GND
2.85
0.5
Datum plane
bottom of mold
0
0.375
27
Connector
center
Card
center
Detail of A
A
Card
center
Connector
center
Hook
height 0.15
Hook
height 0.15
27
0.375
(0.6)
No.!4
Ground
Datum plane
bottom of mold
0
2.85
No.t
No.y
No.u
No.i
No.!1 Common
No.r
No.e
No.w
No.q
No.o
11.275
9.475
7.775
6.075
4.375
2.675
0.975
10.125
8.425
6.725
5.025
3.325
0.725
No.!0 Card
detect switch
No.!2
Write protect
detect switch
No.!3 GND
13-0.6
A
Detail of A
27.8 min.
27.2 min.
12.475
12.5
7.15 min.
8.35 max.
9.65 min.
10.775 min.
13-1
10.125
8.425
6.725
5.025
3.325
0.725
11.275
9.475
7.775
6.075
4.375
2.675
0.975
No part mouting
Land area
No pattern area
12
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Connector for SD Memory Card
SCDA Series
PC board mounting hole dimensions
(Viewed from the mounting face side)
Unit:mm
Standard mount
No.
3
Style
With boss
Slim type
Dimensions
4
Without boss
Slim type
No part mounting
Land area
No pattern area


Similar Part No. - SCDA7A0200

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SCDA05 SEMTECH-SCDA05 Datasheet
69Kb / 2P
   STANDARD RECOVERY DOUBLER AND CENTER TAPS
SCDA05F SEMTECH-SCDA05F Datasheet
66Kb / 2P
   FAST RECOVERY DOUBLER AND CENTER TAPS
SCDA05FF SEMTECH-SCDA05FF Datasheet
66Kb / 2P
   SUPERFAST RECOVERY DOUBLER AND CENTER TAPS
SCDA1 SEMTECH-SCDA1 Datasheet
69Kb / 2P
   STANDARD RECOVERY DOUBLER AND CENTER TAPS
SCDA10FF SEMTECH-SCDA10FF Datasheet
66Kb / 2P
   SUPERFAST RECOVERY DOUBLER AND CENTER TAPS
More results

Similar Description - SCDA7A0200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCDB ALPS-SCDB Datasheet
136Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
CIM-F22 MITSUMI-CIM-F22 Datasheet
192Kb / 2P
   SD Memory Card Connectors
logo
ALPS ELECTRIC CO.,LTD.
SCDE ALPS-SCDE Datasheet
167Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
logo
List of Unclassifed Man...
SFSD1024NGBW1MT-T-ME ETC2-SFSD1024NGBW1MT-T-ME Datasheet
1Mb / 23P
   Industrial MICRO SD Memory Card
logo
Omron Electronics LLC
HMC-SD291 OMRON-HMC-SD291 Datasheet
306Kb / 3P
   High-reliability SD MEMORY CARD for FA Environment
logo
Taiwan Memory Technolog...
I5141-TG TMT-I5141-TG Datasheet
789Kb / 20P
   SD/MMC Memory Card Controller
logo
List of Unclassifed Man...
S-12097 ETC-S-12097 Datasheet
859Kb / 18P
   Micro-SD 3.0 Memory Card
logo
Toshiba Semiconductor
T3GF3WBG TOSHIBA-T3GF3WBG Datasheet
255Kb / 13P
   Dual-Supply Bus Transceiver for SD Memory Card
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com