Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCGC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCGC
Description  Connector for SIM Card 8pins
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCGC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCGC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCGC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCGC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
27
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Push-push type
Connector for SIM Card 8pins
SCGC Series
Small size surface mounting contributes to improved flexibility in set design.
Thin type 1.55mm push-push type.
Equipped with card detection switch.
Features
PCs and personal digital assistants
Applications
SIM Card 8pins
Standard mount
Surface mounting type
Push-push type
500V AC 1minute
Applicable media
Structure
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
−25℃to+70℃
1,000M
Ω min.
100m
Ω max.
500m
Ω max.
5,000cycles
Operating
temperature range
Performance
Contact
resistance
(Initial)
Connector
contacts
Detection
switch
Insertion and
removal cycle
Voltage proof
Insulation
resistance
(Initial)
Typical Specifications
Product Line
Standard mount
Media ejection
structure
Mounting style
Stand-off
(mm)
0
Product No.
SCGC1B0101
Packing system
Taping
NEW


Similar Part No. - SCGC

ManufacturerPart #DatasheetDescription
logo
Heyco.
SCG HEYCO-SCG Datasheet
92Kb / 1P
   Heyco® Liquid Tight Cordgrips Torque Chart
logo
Mini-Circuits
SCG-2-242 MINI-SCG-2-242 Datasheet
266Kb / 3P
   Power Splitter/Combiner
SCG-2-242++ MINI-SCG-2-242+ Datasheet
266Kb / 3P
   Power Splitter/Combiner
SCG-2-242++ MINI-SCG-2-242+ Datasheet
566Kb / 1P
   Power Splitters & Combiners
REV. OR
SCG-2-322 MINI-SCG-2-322 Datasheet
266Kb / 3P
   Power Splitter/Combiner
More results

Similar Description - SCGC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHG ALPS-SCHG Datasheet
374Kb / 3P
   Combine Type Connector (for SIM Card 8pins, microSDTM Card)
logo
Adam Technologies, Inc.
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
   SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
   SIM CARD CONNECTOR
SCCP-08-SG-SMT ADAM-TECH-SCCP-08-SG-SMT Datasheet
109Kb / 1P
   SIM CARD CONNECTOR
SCCP-10-SG-SMT ADAM-TECH-SCCP-10-SG-SMT Datasheet
99Kb / 1P
   SIM CARD CONNECTOR
SCCP-10-SG-SMT-TR ADAM-TECH-SCCP-10-SG-SMT-TR Datasheet
99Kb / 1P
   SIM CARD CONNECTOR
logo
SUYIN USA, INC.
254042MA006G111ZL SUYIN-USA-254042MA006G111ZL Datasheet
134Kb / 1P
   SIM CARD CONNECTOR
254042MA006G116ZL SUYIN-USA-254042MA006G116ZL Datasheet
170Kb / 1P
   SIM CARD CONNECTOR
logo
Adam Technologies, Inc.
SCC-B-06-SMT-27-TR ADAM-TECH-SCC-B-06-SMT-27-TR Datasheet
95Kb / 1P
   SIM CARD CONNECTOR
SCC-F-06-SG-SMT ADAM-TECH-SCC-F-06-SG-SMT Datasheet
90Kb / 1P
   SIM CARD CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com