Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDDJE32100 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SDDJE32100
Description  10A 250V AC Qualified Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDDJE32100 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDDJE32100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDDJE32100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDDJE32100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDDJE32100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDDJE32100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rotary
Type
222
Push
Type
Rocker
Type
Slide
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Configuration (ON position)
Lead
(SPST)
Right angle
(SPST)
With frame
Lead
(DPST)
PC board mounting hole dimensions
No.
1
2
3
Terminal No. 2/1
21
17
5.25
4.75
Travel
Terminal No. 1/1
13
12.4
10.4
5
0.5
15
4.38
※This can also be used as a
 faston terminal(#187).
 Please use positive connector type.
5
Mounting face
2-
ø1
.6
24.1
21.5
5.25
5
Travel
Terminal No. 2/1
Terminal No. 1/1
21
17
5.25
13
10.4
5
15
4.75
12.4
8.75
0.5
0.5
5
※This can also be used as a
 faston terminal(#187).
 Please use positive connector type.
Dimensions
Unit:mm
10A 250V AC Qualified Type
SDDJE Series
Power Switch
4
15
3.5
10.4
12.4
13
Mounting face
PC board mounting surface
21
5.25
5
17
Travel
TerminalNo. 1/1
TerminalNo. 2/1
23.9
24.9


Similar Part No. - SDDJE32100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE32100 ALPS-SDDJE32100 Datasheet
1,007Kb / 6P
   10A 250V AC Qualified Type
More results

Similar Description - SDDJE32100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
   10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
   0.5A 125V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
   0.5A 125V AC Qualified Type
logo
Eldeco Srl
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com