Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKHM Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHM
Description  6.2횞6.5mm (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHM Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKHM Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHM Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHM Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TACT Switch
TM
249
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
TACT Switch
TM Cautions ………………………………………………………………………………………………………307
Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308
SPEE
List of Varieties
Sharp Feeling Type
3.9
2.9
1.5
281
4.2
3.2
2.5
282
6
3.5
4.3
283
□6
0.9
279
280
6.1
2.5
□6.2
3.4
284
285
6.2
6.5
3.1
286
2.5
287
4.1
5.9
3.9
2.87
0.6
3
278
See the relevant pages for respective
product descriptions
Surface mount
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
SKSD
Double action
Horizontal type
Double action
SKRN
SKSE
Compact size
Low-profile
SKRK
High operation force
Compact size
SKRP
Compact size
SKQM
Middle
stroke
SKQY
SKRA
SKHM
SKHU
Dust–proof
type
is available
Vertical
Horizontal
Series
Operating
temperature
range
ー30℃ to +85℃
100M
Ω min. 100V DC
10M
Ω min.
100V DC
250V AC for 1min.
SKSD/SE : 100V AC for 1min.
100V AC for
1min.
ー30±2℃ for 96h
ー40±2℃
for 96h
80
±2℃ for 96h
85
±2℃
for 96h
60
±2℃, 90 to 95%RH for
96h
40
±2℃, 90 to
95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
3.7
4
5
1.22
84
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
ー30℃ to +85℃
ー10℃ to
+60℃
100M
Ω min. 100V DC
250V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
The automotive operating temperature range to be individually discussed upon request.
Note


Similar Part No. - SKHM

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHMQKE010 ALPS-SKHMQKE010 Datasheet
807Kb / 3P
   Total hight of 3.1mm. Surface mount package with ground terminal
SKHMQLE010 ALPS-SKHMQLE010 Datasheet
807Kb / 3P
   Total hight of 3.1mm. Surface mount package with ground terminal
SKHMQME010 ALPS-SKHMQME010 Datasheet
807Kb / 3P
   Total hight of 3.1mm. Surface mount package with ground terminal
SKHM ALPS-SKHM_15 Datasheet
807Kb / 3P
   Total hight of 3.1mm. Surface mount package with ground terminal
More results

Similar Description - SKHM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com