Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1906EF-3-0.00102 Datasheet(PDF) 5 Page - Electronic Film Capacitors, Inc.

Part # A1906EF-3-0.00102
Description  POLYPROPYLENE and FOIL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

A1906EF-3-0.00102 Datasheet(HTML) 5 Page - Electronic Film Capacitors, Inc.

  A1906EF-3-0.00102 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. A1906EF-3-0.00102 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. A1906EF-3-0.00102 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. A1906EF-3-0.00102 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. A1906EF-3-0.00102 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. A1906EF-3-0.00102 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. A1906EF-3-0.00102 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. A1906EF-3-0.00102 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. A1906EF-3-0.00102 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
µµµµµF
1206EC
50 VDC
1206EC
100 VDC
1206EC
150 VDC
1206EC
200 VDC
DIMENSIONS and RATINGS
Cap.
<
><
L _.050"
>
1.625"
Min.
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
Lead Specs.
Tinned Copperweld
Under .250D = 24 AWG
.250 - .440D = 22 AWG
Above .440D = 20 AWG
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
Epoxy case
(Axial Leads)
EFC
1206EC
+
1206EC
D
L
D
L
D
L
D
L
D
L
_ .010"
+
D
DIAMETER
LENGTH
1 = .187
2 = .225
3 = .250
4 = .312
5 = .375
6 = .437
7 = .500
D = .750
E = .875
F = 1.190
A = .375
B = .500
C = .625
SIZE CODE
1
1
1
1
1
1
1
2
2
2
2
2
2
2
3
3
3
3
4
4
4
4
4
5
5
5
6
6
7
7
7
1
1
1
1
1
1
2
2
1
1
2
2
2
3
3
3
3
4
4
4
4
5
5
5
5
6
6
7
7
7
1
1
1
1
2
2
2
2
2
2
3
3
2
3
4
4
4
4
4
5
5
5
6
6
7
7
7
A
A
A
A
A
A
B
B
B
B
B
B
C
C
C
C
C
C
D
D
D
E
E
E
E
E
F
2
2
2
1
2
2
3
3
2
3
3
4
4
4
4
5
5
5
6
6
7
7
7
7
A
A
A
B
B
B
B
B
C
C
C
C
C
C
D
D
D
E
E
E
E
E
F
F
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
D
L
1206EC
600 VDC
1206EC
400 VDC
2
2
2
3
3
3
3
4
4
4
4
4
5
5
5
6
6
7
7
7
7
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
F
F
(All dimensions in inches)
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
F
F
Polypropylene
and Foil
Capacitors
1
1
1
1
1
1
2
2
1
1
2
2
2
3
3
3
3
4
4
4
4
5
5
5
5
6
6
7
7
7
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
F
F
B
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
E
F
F


Similar Part No. - A1906EF-3-0.00102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A190 ETC2-A190 Datasheet
538Kb / 6P
   High Power Silicon Rectifier
logo
Sanken electric
A1908 SANKEN-A1908 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
logo
List of Unclassifed Man...
A190A ETC2-A190A Datasheet
538Kb / 6P
   High Power Silicon Rectifier
A190B ETC2-A190B Datasheet
538Kb / 6P
   High Power Silicon Rectifier
A190C ETC2-A190C Datasheet
538Kb / 6P
   High Power Silicon Rectifier
More results

Similar Description - A1906EF-3-0.00102

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1206TC EFC-1206TC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
1206EFRA EFC-1206EFRA Datasheet
13Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRA EFC-1206DFRA Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206EC EFC-1206EC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRB EFC-1206DFRB Datasheet
13Kb / 1P
   Miniature Polypropylene and Foil
1206EFRB EFC-1206EFRB Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206TF EFC-1206TF Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com