Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1906TC-X-0.00115 Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # A1906TC-X-0.00115
Description  POLYPROPYLENE and FOIL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

A1906TC-X-0.00115 Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  A1906TC-X-0.00115 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. A1906TC-X-0.00115 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. A1906TC-X-0.00115 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. A1906TC-X-0.00115 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. A1906TC-X-0.00115 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. A1906TC-X-0.00115 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. A1906TC-X-0.00115 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. A1906TC-X-0.00115 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. A1906TC-X-0.00115 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2. CAPACITANCE
Capacitors < 1.0 MFD shall be measured
at 1 KHz + 20 HZ.. Capacitors >1.0 MFD
shall be measured at 60 HZ. Measurements
shall be taken at 25 OC.
TYPICAL TEMPERATURE CURVES
POLYPROPYLENE and FOIL
-55
-25
0
25
50
85
105
-55
-25
0
25
50
85
105
Temperature (OC)
0
DISSIPATION FACTOR VS. TEMPERATURE
CAPACITANCE CHANGE VS. TEMPERATURE
Temperature (OC)
Temperature (OC)
+25
+50
+85
+105
INSULATION RESISTANCE VS. TEMPERATURE
10
3
ELECTRONIC FILM CAPACITORS, INC.
10
7
10
6
10
5
10
4
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629
FAX (203) 755-0659
SPECIFICATIONS
1. TEMPERATURE RANGE
- 55 OC to + 85 OC at rated voltage.
To 105 OC with 25% voltage derating.
3. DIELECTRIC STRENGTH
At 25 OC, 200% of rated voltage when applied
terminal to terminal for one minute through a
current limiting resistance.
7. LIFE TEST
Will withstand the application of 140% rated voltage at +850C for 250 hours
with not more than one failure in 12 permitted.
.15
.10
.05
_
6. DISSIPATION FACTOR
Shall be 0.07 % max. when measured as in Par. 2.
0
-2.0
-3.0
-1.0
-4.0
+2.0
+1.0
4. INSULATION RESISTANCE
At 25 OC after 2 minutes charge time at rated voltage
or 500 VDC, whichever is less, the minimum IR shall
be 200,000 Megohm-Microfarads, but need not exceed
250,000 Megohms.
5. HUMIDITY RESISTANCE
Series 1206 shall meet the requirements
of MIL-STD. 202C, Method 103B.
SERIES 1206
EFC Series 1206 are polypropylene and foil capacitors. This series offers the advantage of superior
stability, high insulation resistance, low dissipation factor, negative temperature coefficient and high
frequency operation, dv/dt ratings in excess of 1000 V/
µS. Suggested applications include: timing
circuits, switch mode power supplies (SMPS). snubber circuits. Packaging options include: wrap and
fill (TF, TC), radial lead box (EFR), axial lead (EC, EF). Application options include: snubber circuits
(MF), -270 PPM/0C temperature coefficient (T1206TC), -150 PPM/0C temperature coefficient
(A1206TC).
POLYPROPYLENE and FOIL


Similar Part No. - A1906TC-X-0.00115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A190 ETC2-A190 Datasheet
538Kb / 6P
   High Power Silicon Rectifier
logo
Sanken electric
A1908 SANKEN-A1908 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
logo
List of Unclassifed Man...
A190A ETC2-A190A Datasheet
538Kb / 6P
   High Power Silicon Rectifier
A190B ETC2-A190B Datasheet
538Kb / 6P
   High Power Silicon Rectifier
A190C ETC2-A190C Datasheet
538Kb / 6P
   High Power Silicon Rectifier
More results

Similar Description - A1906TC-X-0.00115

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1206TC EFC-1206TC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
1206EFRA EFC-1206EFRA Datasheet
13Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRA EFC-1206DFRA Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206EC EFC-1206EC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRB EFC-1206DFRB Datasheet
13Kb / 1P
   Miniature Polypropylene and Foil
1206EFRB EFC-1206EFRB Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206TF EFC-1206TF Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com