Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKQUDBE010 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SKQUDBE010
Description  4-direction with Center-push Function (SMD & Snap-inType)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKQUDBE010 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SKQUDBE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKQUDBE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKQUDBE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKQUDBE010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Variable
Resistor Type
Switch
Type
492
Multi Control
Devices
F
(s)
Example of Reflow Soldering Condition
1. Heating method:
Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T)at solder joints copper foil surface). A heat resistive tape
should be used to fix thermocouple.
3. Temperature profile
300
200
100
A max.
B
E
D
Time (s)
C
Room
temperature
Pre-heating
F max.
Series
(Reflow type)
240
230
150
120
SLLB, SLLB5
20
150
260
SKRV/SKRH/SKQUBA,DB/SSAF/SRBE
40
180
260
40
RKJXS
A
(℃)
3s max.
B
(℃)
C
(s)
D
(℃)
E
(℃)
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC
board's temperature greatly differs from that of the switch, depending on the material, size thickness of PC boards
and others. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
Notes
Soldering Conditions
Switch Type Multi Control Devices


Similar Part No. - SKQUDBE010

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SKQ48N10AD SKTECHNOLGY-SKQ48N10AD Datasheet
784Kb / 4P
   100V N-Channel MOSFET
REV.08
SKQ50N03BD SKTECHNOLGY-SKQ50N03BD Datasheet
962Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
SKQ55P02AD SKTECHNOLGY-SKQ55P02AD Datasheet
779Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
ALPS ELECTRIC CO.,LTD.
SKQB ALPS-SKQB Datasheet
244Kb / 4P
   10mm Square Water-proof (Snap-in Type)
SKQBAJA010 ALPS-SKQBAJA010 Datasheet
244Kb / 4P
   10mm Square Water-proof (Snap-in Type)
More results

Similar Description - SKQUDBE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRH ALPS-SKRH_15 Datasheet
670Kb / 3P
   4-direction with Center-push Function (Surface Mount Type)
SKRH ALPS-SKRH Datasheet
177Kb / 3P
   4-direction with Center-push Function (Surface mount type)
SKRV ALPS-SKRV Datasheet
185Kb / 3P
   Low-profile 4-direction with Center-push Function (Surface Mount Type)
SKRV ALPS-SKRV_15 Datasheet
684Kb / 3P
   Low-profile 4-direction with Center-push Function (Surface Mount Type)
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
   4-directional Stick Switch (with Encoder/Center-push Function)
RKJXL ALPS-RKJXL Datasheet
136Kb / 2P
   8-directional Stick Switch (with Center-push Function)
RKJXS ALPS-RKJXS Datasheet
155Kb / 3P
   8-directional Stick Switch (with Center-push Function)
RKJXM ALPS-RKJXM Datasheet
194Kb / 3P
   8-directional Stick Switch (with Center-push Function)
RKJXW ALPS-RKJXW Datasheet
1,009Kb / 5P
   8-directional Stick Switch (with Encoder / Center-push Function)
SSAF ALPS-SSAF Datasheet
259Kb / 4P
   Slide Operation Type Stick Switch with 8-contact and Center-push Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com