Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ100 Datasheet(PDF) 4 Page - Transys Electronics

Part # P6SMBJ100
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

P6SMBJ100 Datasheet(HTML) 4 Page - Transys Electronics

  P6SMBJ100 Datasheet HTML 1Page - Transys Electronics P6SMBJ100 Datasheet HTML 2Page - Transys Electronics P6SMBJ100 Datasheet HTML 3Page - Transys Electronics P6SMBJ100 Datasheet HTML 4Page - Transys Electronics P6SMBJ100 Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UNI-DIRECTIONAL 600 Watt Surface Mount TVS
UNI-
DIRECTIONAL
PART
NUMBER
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
P6SMBJ70
P6SMBJ70A
P6SMBJ75
P6SMBJ75A
NN
NP
NQ
NR
70.0
70.0
75.0
75.0
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
4.8
5.3
4.5
4.9
5
5
5
5
P6SMBJ78
P6SMBJ78A
P6SMBJ85
P6SMBJ85A
NS
NT
NU
NV
78.0
78.0
85.0
85.0
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
4.3
4.7
3.9
4.4
5
5
5
5
P6SMBJ90
P6SMBJ90A
P6SMBJ100
P6SMBJ100A
NW
NX
NY
NZ
90.0
90.0
100.0
100.0
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
3.8
4.1
3.4
3.7
5
5
5
5
P6SMBJ110
P6SMBJ110A
P6SMBJ120
P6SMBJ120A
PD
PE
PF
PG
110.0
110.0
120.0
120.0
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
3.0
3.4
2.8
3.1
5
5
5
5
P6SMBJ130
P6SMBJ130A
P6SMBJ150
P6SMBJ150A
PH
PK
PL
PM
130.0
130.0
150.0
150.0
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
268.0
243.0
2.6
2.9
2.2
2.5
5
5
5
5
P6SMBJ160
P6SMBJ160A
P6SMBJ170
P6SMBJ170A
PN
PP
PQ
PR
160.0
160.0
170.0
170.0
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
2.1
2.3
2.0
2.2
5
5
5
5
BI-DIRECTIONAL 600 Watt Surface Mount TVS
BI-DIRECTIONAL
PART
NUMBER
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
P6SMBJ5.0C
P6SMBJ5.0CA
P6SMBJ6.0C
P6SMBJ6.0CA
AD
AE
AF
AG
5.0
5.0
6.0
6.0
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
62.5
65.2
52.6
58.3
1600
1600
1600
1600
P6SMBJ6.5C
P6SMBJ6.5CA
P6SMBJ7.0C
P6SMBJ7.0CA
AH
AK
AL
AM
6.5
6.5
7.0
7.0
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
48.7
53.6
45.1
50.0
1000
1000
400
400
P6SMBJ7.5C
P6SMBJ7.5CA
P6SMBJ8.0C
P6SMBJ8.0CA
AN
AP
AQ
AR
7.5
7.5
8.0
8.0
8.33
8.33
8.89
8.89
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
42.0
46.5
40.0
44.1
200
200
100
100
P6SMBJ8.5C
P6SMBJ8.5CA
P6SMBJ9.0C
P6SMBJ9.0CA
AS
AT
AU
AV
8.5
8.5
9.0
9.0
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
37.7
41.7
35.5
39.0
20
20
10
10
P6SMBJ10C
P6SMBJ10CA
P6SMBJ11C
P6SMBJ11CA
AW
AX
AY
AZ
10.0
10.0
11.0
11.0
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
31.9
35.3
29.9
33.0
5
5
5
5
P6SMBJ12C
P6SMBJ12CA
P6SMBJ13C
P6SMBJ13CA
BD
BE
BF
BG
12.0
12.0
13.0
13.0
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
27.3
30.2
25.2
27.9
5
5
5
5
P6SMBJ14C
P6SMBJ14CA
P6SMBJ15C
P6SMBJ15CA
BH
BK
BL
BM
14.0
14.0
15.0
15.0
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
23.3
25.8
22.3
24.0
5
5
5
5
P6SMBJ16C
P6SMBJ16CA
P6SMBJ17C
P6SMBJ17CA
BN
BP
BQ
BR
16.0
16.0
17.0
17.0
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
20.8
23.1
19.7
21.7
5
5
5
5
P6SMBJ18C
P6SMBJ18CA
P6SMBJ20C
P6SMBJ20CA
BS
BT
BU
BV
18.0
18.0
20.0
20.0
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
18.6
20.5
16.7
18.5
5
5
5
5
P6SMBJ22C
P6SMBJ22CA
P6SMBJ24C
P6SMBJ24CA
BW
BX
BY
BZ
22.0
22.0
24.0
24.0
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
15.2
16.9
14.0
15.4
5
5
5
5
P6SMBJ26C
P6SMBJ26CA
CD
CE
26.0
26.0
28.90
28.90
36.60
33.20
1
1
46.6
42.1
12.4
14.2
5
5


Similar Part No. - P6SMBJ100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ100 PANJIT-P6SMBJ100 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ100 CHENG-YI-P6SMBJ100 Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ100 SURGE-P6SMBJ100 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Frontier Electronics.
P6SMBJ100 FRONTIER-P6SMBJ100 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6SMBJ100 WTE-P6SMBJ100 Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P6SMBJ100

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com