Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1206EC-X-0.00141 Datasheet(PDF) 7 Page - Electronic Film Capacitors, Inc.

Part # A1206EC-X-0.00141
Description  POLYPROPYLENE and FOIL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

A1206EC-X-0.00141 Datasheet(HTML) 7 Page - Electronic Film Capacitors, Inc.

  A1206EC-X-0.00141 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. A1206EC-X-0.00141 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7.5
.295
10
.394
10
.394
10
.394
15
.591
15
.591
15
.591
20
.787
20
.787
22.5
.886
22.5
.886
22.5
.886
22.5
.886
27.5
1.08
27.5
1.08
<
S _.025"
>
<
L _.010"
>
DIMENSIONS and RATINGS
1206EFR
_ .010"
+
H
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
Epoxy Case
(Radial Leads)
T
_ .010"
+
< >
1.00 "
MIN
Lead Specs.
Tinned Copperweld
B through E cases: 22 AWG
F through Q cases: 20 AWG
CASE
SIZE
mm
in.
mm
in.
LTH
S
mm
in.
10.5
.413
13
.512
13
.512
13
.512
18
.709
18
.709
18
.709
26.5
1.04
26.5
1.04
26.5
1.04
26.5
1.04
26.5
1.04
26.5
1.04
32
1.26
32
1.26
B
D
E
F
G
H
J
K
L
M
N
O
P
Q
C
4
.157
4
.157
5
.197
6
.236
5
.197
6
.236
7.5
.295
6
.236
7
.276
6
.236
7
.276
8.5
.335
10
.394
11
.433
13
.512
9
.354
9
.354
11
.433
12
.472
11
.433
12
.472
13.5
.531
15
.591
16
.630
15
.591
16
.630
16.3
.642
19
.748
20
.787
22
.866
EFC
1206EFR
+
+
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Polypropylene
and Foil
Capacitors
Cap.
µµµµµF
160/100
VDC/VAC
250/160
VDC/VAC
400/220
VDC/VAC
C
C
C
D
D
E
F
F
G
G
H
H
J/L
J/L
K/M
N
N
O
O
P
P
P
Q
Q
B
B
B
C
C
C
C
C
D
E
E
F
G
H
H
H
J/L
K/M
K/M
N
N
O
P
P
P
Q
Q
B
B
B
B
B
B
C
C
C
C
C
C
D
D
E
E
G
G
H
H
J/L
K/M
K/M
N
O
O
P
P
P
Q
B
B
B
B
B
B
B
B
B
C
C
C
C
C
D
D
E
E
F
G
G
H
H
J/L
K/M
N
N
O
O
P
P
Q
Q
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
D
D
E
E
E
G
G
H
H
J/L
K/M
N
N
O
O
P
P
P
Q
mm
in.
630/250
VDC/VAC
63/40
VDC/VAC


Similar Part No. - A1206EC-X-0.00141

ManufacturerPart #DatasheetDescription
logo
EPCOS
A1206 EPCOS-A1206 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
List of Unclassifed Man...
A1206C100JCT ETC2-A1206C100JCT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
A1206C100JNT ETC2-A1206C100JNT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
A1206C101JCT ETC2-A1206C101JCT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
A1206C101JNT ETC2-A1206C101JNT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
More results

Similar Description - A1206EC-X-0.00141

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1206TC EFC-1206TC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
1206EFRA EFC-1206EFRA Datasheet
13Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRA EFC-1206DFRA Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206EC EFC-1206EC Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206DFRB EFC-1206DFRB Datasheet
13Kb / 1P
   Miniature Polypropylene and Foil
1206EFRB EFC-1206EFRB Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
1206TF EFC-1206TF Datasheet
12Kb / 1P
   Polypropylene and Foil Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com