Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1100WE Datasheet(PDF) 4 Page - ams AG

Part # AS1100WE
Description  Serially Interfaced, 8-Digit LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100WE Datasheet(HTML) 4 Page - ams AG

  AS1100WE Datasheet HTML 1Page - ams AG AS1100WE Datasheet HTML 2Page - ams AG AS1100WE Datasheet HTML 3Page - ams AG AS1100WE Datasheet HTML 4Page - ams AG AS1100WE Datasheet HTML 5Page - ams AG AS1100WE Datasheet HTML 6Page - ams AG AS1100WE Datasheet HTML 7Page - ams AG AS1100WE Datasheet HTML 8Page - ams AG AS1100WE Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.austriamicrosystems.com
Revision 1.33
4 - 17
AS1100
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = 5V, RSET = 9.53k
Ω±1%, TA = TMIN to TMAX, unlesss otherwise noted.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Operating Supply Voltage
4.0
5.0
5.5
V
IDDSD
Shutdown Supply Current
All digital inputs at VDD or GND,
TA = +25ºC
20
50
µA
IDD
Operating Supply Current
RSET = open circuit
500
µA
All segments and decimal point on,
ISEG = -40mA
330
mA
fOSC
Display Scan Rate
8 digits scanned
500
800
1300
Hz
IDIGIT
Digit Drive Sink Current
VOUT = 0.65V
320
mA
ISEG
Segment Drive Source Current
TA = +25ºC, VOUT = (VDD -1V)
-30
-40
-45
mA
ΔISEG
Segment Drive Current
Matching
3.0
%
IDIGIT
Digit Drive Source Current
Digit off, VDIGIT = (VDD -0.3V)
-2
mA
ISEG
Segment Drive Sink Current
Segment off, VSEG = 0.3V
5
mA
Logic Inputs
IIH, IIL
Input Current DIN, CLK, LOAD
VIN = 0V or VDD
-1
1
µA
VIH
Logic High Input Voltage
3.5
V
VIL
Logic Low Input Voltage
0.8
V
VOH
Output High Voltage
DOUT, ISOURCE = -1mA
VDD - 1
V
VOL
Output Low Voltage
DOUT, ISINK = 1.6mA
0.4
V
Hysteresis Voltage
DIN, CLK, LOAD
1
V
Timing Characteristics
tCP
CLK Clock Period
100
ns
tCH
CLK Pulse Width High
50
ns
tCL
CLK Pulse Width Low
50
ns
tCSH
CLK Rise to LOAD Rise Hold
Time
0ns
tDS
DIN Setup Time
25
ns
tDH
DIN Hold Time
0
ns
tDO
Output Data Propagation Delay
CLOAD = 50pF
25
ns
tLDCK
LOAD Rising Edge to Next
Clock Rising Edge
50
ns
tCSW
Minimum LOAD Pulse High
50
ns
tDSPD
Data-to-Segment Delay
2.25
ms


Similar Part No. - AS1100WE

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100WE AMSCO-AS1100WE Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100WE AMSCO-AS1100WE Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100WE-T AMSCO-AS1100WE-T Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100WE-T AMSCO-AS1100WE-T Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100WE-TZ AMSCO-AS1100WE-TZ Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
More results

Similar Description - AS1100WE

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com