Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-9100VW-1TG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-9100VW-1TG
Description  850 nm / 3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9100VW-1TG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-9100VW-1TG Datasheet HTML 1Page - Optoway Technology Inc SPM-9100VW-1TG Datasheet HTML 2Page - Optoway Technology Inc SPM-9100VW-1TG Datasheet HTML 3Page - Optoway Technology Inc SPM-9100VW-1TG Datasheet HTML 4Page - Optoway Technology Inc SPM-9100VW-1TG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPM-9100VW-1TG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
11/1/2008 V1.0
1
SPM-9100VW-1TG
(RoHS Compliant)
850 nm / 3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 297-2006 Compatible
l Speed from 50 Mbps to 3Gbps with up to 1000 m
Multi-mode Fiber
l Distance up to 300 m for 3G-SDI
l Support Video Pathological Patterns for SD-SDI,
HD-SDI and 3G-SDI
l Single Transmitter with Simplex LC
l Based on Industry Standard SFP
l SFF-8472 Digital Diagnostic Function
l TTL Laser Disable Input
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical
Interfaces
l High-density Video Routers
DESCRIPTION
The SPM-9100VW-1TG is a single channel optical multi-
mode transmitter module designed to transmit optical serial
digital signals as defined in SMPTE 297-2006. It supports
from 50 Mbps to 3 Gbps and is specifically designed for
transmitted the SMPTE 259M, SMPTE 344M, SMPTE
292M and SMPTE 424M SDI pathological patterns.
It is
with the SFP 20-pin connector to allow hot plug capability.
Digital diagnostic functions are available via an I
2C. It is
with 850 nm VCSEL transmitters. The transmitter can
transmit signal from 50 Mbps to 3 Gbps with up to 1000 m
of
multi-mode
fiber
when
using
the
SPM-9100VW-1RG/2RG as the receiver. A maximum
distance of 300 m is achievable with 3Gbps pathological
signals.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX1
TX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Power
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPM-9100VW-1TG
1-TX
50 to 3000
850
-2 to -7
LC SFP with DMI
0 to 70
Yes
RELATED PRODUCTS
RX1
RX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Sen.
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPM-9100VW-1RG
1-RX
50 to 3000
850
0 to -15
LC SFP with DMI
0 to 70
Yes
LINK DISTANCE
Transmitter
Receiver
SDI
Bit Rate
Max. Link Distance (m)
3G-SDI
2.97Gbps
300
HD-SDI
1.485Gbps
500
SPM-9100VW-1TG
SPM-9100VW-1RG
SD-SDI
270Mbos
1,000


Similar Part No. - SPM-9100VW-1TG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VW-1TG OPTOWAY-SPM-9100VW-1TG_15 Datasheet
143Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-1TG_2015 OPTOWAY-SPM-9100VW-1TG_2015 Datasheet
143Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
More results

Similar Description - SPM-9100VW-1TG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VW-1T1RG OPTOWAY-SPM-9100VW-1T1RG Datasheet
148Kb / 6P
   850 nm / 3 Gb/s Optical Multi-Mode Digital Diagnostic Transmitter/Receiver
SPM-9100VW-2TG OPTOWAY-SPM-9100VW-2TG Datasheet
120Kb / 5P
   850 nm / 3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100V-1TG OPTOWAY-SPM-9100V-1TG Datasheet
144Kb / 5P
   850 nm / 3 Gb/s Single Optical Multi-Mode Transmitter
SPM-9100VW-1RG OPTOWAY-SPM-9100VW-1RG Datasheet
145Kb / 5P
   850 nm / 3 Gb/s Single Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100VW-1TG OPTOWAY-SPM-9100VW-1TG_15 Datasheet
143Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-1TG_2015 OPTOWAY-SPM-9100VW-1TG_2015 Datasheet
143Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-2RG OPTOWAY-SPM-9100VW-2RG Datasheet
144Kb / 5P
   850 nm / 3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100V-1T1RG OPTOWAY-SPM-9100V-1T1RG Datasheet
148Kb / 6P
   850 nm / 3 Gb/s Optical Multi-Mode Transmitter/Receiver
SPM-9100V-2TG OPTOWAY-SPM-9100V-2TG Datasheet
119Kb / 5P
   850 nm / 3 Gb/s Dual Optical Multi-Mode Transmitter
SPM-9100VW-1T1RG OPTOWAY-SPM-9100VW-1T1RG_15 Datasheet
141Kb / 6P
   3 Gb/s Optical Multi-Mode Digital Diagnostic Transmitter/Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com