Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV604 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604 Datasheet(HTML) 4 Page - Texas Instruments

  DRV604 Datasheet HTML 1Page - Texas Instruments DRV604 Datasheet HTML 2Page - Texas Instruments DRV604 Datasheet HTML 3Page - Texas Instruments DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DRV604
SLOS659 – JANUARY 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
DRV604PWP
UNIT
PVDD to GND
–0.3 to 4.5
V
Input voltage, VI
PVSS–0.3 to PVDD+0.3
V
Minimum load impedance – line outputs
1000
Ω
Minimum load impedance – headphone outputs
8
Ω
EN_LD to GND
–0.3 to PVDD+0.3
V
EN_HP to GND
–0.3 to PVDD+0.3
V
Maximum operating junction temperature range, TJ
–40 to 150
°C
Storage temperature
–40 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
(1)
PACKAGE
RqJP(°C/W)
RqJA(°C/W)
RyJT(°C/W)
DRV604PWP
0.72
28
0.45
(1)
PowerPAD soldered to TI recommended board.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
PVDD
Power supply
DC supply voltage
3.0
3.3
3.7
V
RL (HP)
32
32
Ω
Load impedance
RL (LD)
5
10
k
Ω
VIL
Low level input voltage
EN_LD, EN_HP
38
40
43
%PVDD
VIH
High level input voltage
EN_LD, EN_HP
57
60
66
%PVDD
TA
Free-air temperature
–40
25
85
°C
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :DRV604


Similar Part No. - DRV604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV600 TI-DRV600 Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600 TI-DRV600 Datasheet
679Kb / 17P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600RTJR TI-DRV600RTJR Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600RTJR TI-DRV600RTJR Datasheet
679Kb / 17P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600RTJT TI-DRV600RTJT Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
More results

Similar Description - DRV604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
TECHCODE SEMICONDUCTOR,...
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
   Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
[Old version datasheet]   DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com