Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5504AZCH12 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C5504AZCH12
Description  TMS320C5504 Fixed-Point Digital Signal Processor
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C5504AZCH12 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C5504AZCH12 Datasheet HTML 2Page - Texas Instruments TMS320C5504AZCH12 Datasheet HTML 3Page - Texas Instruments TMS320C5504AZCH12 Datasheet HTML 4Page - Texas Instruments TMS320C5504AZCH12 Datasheet HTML 5Page - Texas Instruments TMS320C5504AZCH12 Datasheet HTML 6Page - Texas Instruments TMS320C5504AZCH12 Datasheet HTML 7Page - Texas Instruments TMS320C5504AZCH12 Datasheet HTML 8Page - Texas Instruments TMS320C5504AZCH12 Datasheet HTML 9Page - Texas Instruments TMS320C5504AZCH12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
TMS320C5504
SPRS659 – JANUARY 2010
www.ti.com
2
Device Overview
2.1
Device Characteristics
Table 2-1, provides an overview of the TMS320C5504 DSP. The tables show significant features of the
C5504 device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the
package type with pin count. For more detailed information on the actual device P/N and maximum device
operating frequency, see Section 2.6.2, Device and Development-Support Tool Nomenclature.
Table 2-1. Characteristics of the C5504 Processor
HARDWARE FEATURES
C5504
Asynchronous (8/16-bit bus width) SRAM,
Peripherals
External Memory Interface (EMIF)
Flash (NOR, NAND),
Not all peripheral pins are
SDRAM and Mobile SDRAM (16-bit bus width)(1)
available at the same time
Flash Cards
2 MMC/SD
(for more detail, see the
Device Configurations
Four DMA controllers each with four channels,
DMA
section).
for a total of 16 channels
2 32-Bit General-Purpose (GP) Timers
Timers
1 Additional Configurable as a 32-Bit GP Timer and/or a
Watchdog
UART
1 (with RTS/CTS flow control)
SPI
1 with 4 chip selects
I2C
1 (Master/Slave)
I2S
4 (Two Channel, Full Duplex Communication)
USB 2.0 (Device only)
High- and Full-Speed Device
256 byte read/write buffer, max 50-MHz clock for SD cards,
MMC/SD
and signaling for DMA transfers
Real-Time Clock (RTC)
1 (Crystal Input, Separate Clock Domain and Power Supply)
General-Purpose Input/Output Port (GPIO)
Up to 26 pins (with 1 Additional General-Purpose Output (XF))
Size (Bytes)
256 KB RAM, 128KB ROM
64KB On-Chip Dual-Access RAM (DARAM)
On-Chip Memory
Organization
192 KB On-Chip Single-Access RAM (SARAM)
128KB On-Chip Single-Access ROM (SAROM)
JTAGID Register
JTAG BSDL_ID
see Figure 5-33
(Value is: 0009_702F)
1.05-V Core
60 or 75 MHz
CPU Frequency
MHz
1.3-V Core
100, 120 MHz
1.05-V Core
16.67, 13.3 ns
Cycle Time
ns
1.3-V Core
10, 8.33 ns
1.05 V (60, 75 MHz)
Core (V)
Voltage
1.3 V (100, 120 MHz)
I/O (V)
1.8 V, 2.5 V, 2.8 V, 3.3 V
1.3 V, TBD mA max current for PLL (VDDA_PLL) and power
LDO
ANA_LDO
management circuits (VDDA_ANA)
Active @ Room Temp 25°C, 75% DMAC +
0.15 mW/MHz @ 1.05 V, 60 or 75 MHz
Power Characterization
25% ADD (Typical Sine Wave Data
0.22 mW/MHz @ 1.3 V, 100 or 120 MHz
Switching)
Active @ Room Temp 25°C, 75% DMAC +
0.14 mW/MHz @ 1.05 V, 60 or 75MHz
25% NOP (Typical Sine Wave Data
0.22 mW/MHz @ 1.3 V, 100 or 120 MHz
Switching)
Standby (Master Clock Disabled) @ Room
0.26 mW @ 1.05 V
Temp 25°C (DARAM and SARAM in Active
0.44 mW @ 1.3 V
Mode)
(1)
For more compatibility with SDRAM devices, see Section 5.9 , External Memory Interface (EMIF).
6
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C5504


Similar Part No. - TMS320C5504AZCH12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5504AZCH12 TI-TMS320C5504AZCH12 Datasheet
719Kb / 143P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5504AZCH12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5504 TI-TMS320C5504_15 Datasheet
719Kb / 143P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com