Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5514 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C5514
Description  TMS320C5514 Fixed-Point Digital Signal Processor
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C5514 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C5514 Datasheet HTML 1Page - Texas Instruments TMS320C5514 Datasheet HTML 2Page - Texas Instruments TMS320C5514 Datasheet HTML 3Page - Texas Instruments TMS320C5514 Datasheet HTML 4Page - Texas Instruments TMS320C5514 Datasheet HTML 5Page - Texas Instruments TMS320C5514 Datasheet HTML 6Page - Texas Instruments TMS320C5514 Datasheet HTML 7Page - Texas Instruments TMS320C5514 Datasheet HTML 8Page - Texas Instruments TMS320C5514 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
TMS320C5514
www.ti.com
SPRS646 – JANUARY 2010
1.2
Description
The TMS320C5514 is a member of TI's TMS320C5000™ fixed-point Digital Signal Processor (DSP)
product family and is designed for low-power applications.
The TMS320C5514 fixed-point DSP is based on the TMS320C55x™ DSP generation CPU processor
core. The C55x™ DSP architecture achieves high performance and low power through increased
parallelism and total focus on power savings. The CPU supports an internal bus structure that is
composed of one program bus, one 32-bit data read bus and two 16-bit data read buses, two 16-bit data
write buses, and additional buses dedicated to peripheral and DMA activity. These buses provide the
ability to perform up to four 16-bit data reads and two 16-bit data writes in a single cycle. The
TMS320C5514 also includes four DMA controllers, each with 4 channels, providing data movements for
16-independent channel contexts without CPU intervention. Each DMA controller can perform one 32-bit
data transfer per cycle, in parallel and independent of the CPU activity.
The C55x CPU provides two multiply-accumulate (MAC) units, each capable of 17-bit x 17-bit
multiplication and a 32-bit add in a single cycle. A central 40-bit arithmetic/logic unit (ALU) is supported by
an additional 16-bit ALU. Use of the ALUs is under instruction set control, providing the ability to optimize
parallel activity and power consumption. These resources are managed in the Address Unit (AU) and Data
Unit (DU) of the C55x CPU.
The C55x CPU supports a variable byte width instruction set for improved code density. The Instruction
Unit (IU) performs 32-bit program fetches from internal or external memory and queues instructions for the
Program Unit (PU). The Program Unit decodes the instructions, directs tasks to the Address Unit (AU) and
Data Unit (DU) resources, and manages the fully protected pipeline. Predictive branching capability avoids
pipeline flushes on execution of conditional instructions.
Serial media is supported through two MultiMedia Card/Secure Digital (MMC/SD) peripherals, four Inter-IC
Sound (I2S Bus™) modules, one Serial-Port Interface (SPI) with up to 4 chip selects, one I2C
multi-master and slave interface, and a Universal Asynchronous Receiver/Transmitter (UART) interface.
The C5514 peripheral set includes an external memory interface (EMIF) that provides glueless access to
asynchronous memories like EPROM, NOR, NAND, and SRAM, as well as to high-speed, high-density
memories such as synchronous DRAM (SDRAM) and mobile SDRAM (mSDRAM). Additional peripherals
include: a high-speed Universal Serial Bus (USB2.0) device mode only, and a real-time clock (RTC). This
device also includes three general-purpose timers with one configurable as a watchdog timer, and an
analog phase-locked loop (APLL) clock generator.
Furthermore, the C5514 includes three integrated LDOs (DSP_LDO, ANA_LDO, and USB_LDO) to power
different sections of the device. The DSP_LDO can provide 1.3 V or 1.05 V to the DSP core (CVDD). To
allow for lowest power operation, the programmer can shutdown the internal DSP_LDO cutting power to
the DSP core (CVDD) while an external supply provides power to the RTC (CVDDRTC and DVDDRTC). The
ANA_LDO is designed to provide 1.3 V to the DSP PLL (VDDA_PLL) and power management circuits
(VDDA_ANA). The USB_LDO provides 1.3 V to USB core digital (USB_VDD1P3) and PHY circuits
(USB_VDDA1P3). The RTC alarm interrupt or the WAKEUP pin can re-enable the internal DSP_LDO and
re-apply power to the DSP core.
The C5514 is supported by the industry’s award-winning eXpressDSP™, Code Composer Studio™
Integrated Development Environment (IDE), DSP/BIOS™, Texas Instruments’ algorithm standard, and the
industry’s largest third-party network. Code Composer Studio IDE features code generation tools including
a C Compiler and Linker, RTDX™, XDS100™, XDS510™, XDS560™ emulation device drivers, and
evaluation modules. The C5514 is also supported by the C55x DSP Library which features more than 50
foundational software kernels (FIR filters, IIR filters, and various math functions) as well as chip support
libraries.
Copyright © 2010, Texas Instruments Incorporated
Fixed-Point Digital Signal Processor
3
Submit Documentation Feedback
Product Folder Link(s): TMS320C5514


Similar Part No. - TMS320C5514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5514 TI-TMS320C5514 Datasheet
844Kb / 144P
[Old version datasheet]   TMS320C5514 Fixed-Point Dight Signal Processor
TMS320C5514/15 TI-TMS320C5514/15 Datasheet
322Kb / 11P
[Old version datasheet]   Power for TMS320C5514/15
TMS320C5514AZCH10 TI-TMS320C5514AZCH10 Datasheet
844Kb / 144P
[Old version datasheet]   TMS320C5514 Fixed-Point Dight Signal Processor
TMS320C5514AZCH12 TI-TMS320C5514AZCH12 Datasheet
844Kb / 144P
[Old version datasheet]   TMS320C5514 Fixed-Point Dight Signal Processor
TMS320C5514AZCHA10 TI-TMS320C5514AZCHA10 Datasheet
844Kb / 144P
[Old version datasheet]   TMS320C5514 Fixed-Point Dight Signal Processor
More results

Similar Description - TMS320C5514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5514 TI-TMS320C5514_1 Datasheet
844Kb / 144P
[Old version datasheet]   TMS320C5514 Fixed-Point Dight Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com