Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-9700MLWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-9700MLWG
Description  1550 nm TX / 1310 nm RX , 3.3V / Multirate Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9700MLWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-9700MLWG Datasheet HTML 1Page - Optoway Technology Inc SPM-9700MLWG Datasheet HTML 2Page - Optoway Technology Inc SPM-9700MLWG Datasheet HTML 3Page - Optoway Technology Inc SPM-9700MLWG Datasheet HTML 4Page - Optoway Technology Inc SPM-9700MLWG Datasheet HTML 5Page - Optoway Technology Inc SPM-9700MLWG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPM-9700MWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPM-9700MWG / SPM-9700BMWG / SPM-9700AMWG
(SC BIDI SFP)
(RoHS Compliant)
SPM-9700MLWG / SPM-9700BMLWG / SPM-9700AMLWG
(LC BIDI SFP)
1550 nm TX / 1310 nm RX , 3.3V / Multirate Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPM-9700MWG
l Simplex LC Connector: SPM-9700MLWG
l Up to 2.67 Gb/s bi-directional data links
l Multirate for SONET OC-48 / SDH STM-16, Fibre
Channel 1x/2x, and 1000BASE
l SFF-8472 Digital Diagnostic Function
l 1550 nm LD Transmitter
l 1310 nm Receiver
l 300 m link for Multi-mode Fiber
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l 0 to 70oC Operation: SPM-9700MWG
l -10 to 85oC Operation: SPM-9700BMWG
l -40 to 85oC Operation: SPM-9700AMWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l Gigabit Ethernet Interconnect
l Fibre Channel Links
DESCRIPTION
The SPM-9700MWG series is high performance multi-mode
module for OC-48 / STM-16 and Gigabit Ethernet
1000BASE fiber communications by using 1550 nm
transmitter and 1310 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. The transmitter section
uses a multiple quantum well 1550 nm laser and is a class
1 laser compliant according to International Safety Standard
IEC 60825. The receiver section uses an integrated 1310 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(m)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX
Power
(dBm)
RX
Sens.
(dBm)
RoHS
Compliant
SPM-9700MWG
Multirate*
300
1550
1310
SC SFP with DMI
0 to 70
0 to -9
-15
Yes
SPM-9700BMWG
Multirate*
300
1550
1310
SC SFP with DMI -10 to 85
0 to -9
-15
Yes
SPM-9700AMWG
Multirate*
300
1550
1310
SC SFP with DMI -40 to 85
0 to -9
-15
Yes
SPM-9700MLWG
Multirate*
300
1550
1310
LC SFP with DMI
0 to 70
0 to -9
-15
Yes
SPM-9700BMLWG
Multirate*
300
1550
1310
LC SFP with DMI -10 to 85
0 to -9
-15
Yes
SPM-9700AMLWG
Multirate*
300
1550
1310
LC SFP with DMI -40 to 85
0 to -9
-15
Yes
Multirate*: 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3.


Similar Part No. - SPM-9700MLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9700MLWG OPTOWAY-SPM-9700MLWG Datasheet
177Kb / 6P
   Multirate Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-9700MLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9600MWG OPTOWAY-SPM-9600MWG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPB-9720MWG OPTOWAY-SPB-9720MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9740MWG OPTOWAY-SPB-9740MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9605MWG OPTOWAY-SPB-9605MWG Datasheet
178Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9705MWG OPTOWAY-SPB-9705MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9620MWG OPTOWAY-SPB-9620MWG Datasheet
178Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9640MWG OPTOWAY-SPB-9640MWG Datasheet
178Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG OPTOWAY-SPM-9700MG Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com