Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92210D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92210D
Description  NATURAL PFC LED LIGHTING DRIVER CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92210D Datasheet(HTML) 5 Page - Texas Instruments

  TPS92210D Datasheet HTML 1Page - Texas Instruments TPS92210D Datasheet HTML 2Page - Texas Instruments TPS92210D Datasheet HTML 3Page - Texas Instruments TPS92210D Datasheet HTML 4Page - Texas Instruments TPS92210D Datasheet HTML 5Page - Texas Instruments TPS92210D Datasheet HTML 6Page - Texas Instruments TPS92210D Datasheet HTML 7Page - Texas Instruments TPS92210D Datasheet HTML 8Page - Texas Instruments TPS92210D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS92210
www.ti.com
SLUS989 – JANUARY 2010
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated: VVDD= 12 V, VVCG= 12 V, VTZE= 1 V, VFB= 0 V, GND= 0 V, a 0.1-μF capacitor exists between VDD
and GND, a 0.1-
μF capacitor exists between VCG and GND, RPCL=33.2 kΩ, ROTM= 380 kΩ, –40°C < TA< +125°C, TJ= TA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TRANSFORMER ZERO ENERGY DETECTION
TZE high to low generates switching period
TZE(TH)
TZE Zero Crossing Threshold
5
20
50
mV
(tS has expired)
TZE(CLAMP)
TZE Low Clamp Voltage
ITZE = –10 μA
-200
-160
-100
mV
TZE Voltage Threshold to Enable the
Driver switching periods generated at start
TZE(START)
0.1
0.15
0.2
V
Internal Start Timer
timer rate
tDLY(TZ2D)
Delay from zero crossing to Driver turn-on
150-
Ω pull-up to 12-V on DRN
150
ns
Driver turn-on edge generated following tS
tWAIT(TZE)
Wait time for zero energy detection
2
2.4
2.8
μs
with previous zero current detected
tST
Starter time-out period
TZE = 0 V
150
240
300
μs
DRIVER
RDS(on)(DRN)
Driver on-resistance
IDRN = 4.0 A
90
190
m
IDRN(OFF)
Driver off-leakage current
IDRN = 12 V
1.5
20
μA
RDS(on)(HSDRV)
HSDRV on-resistance
HS Driver Current = 50 mA
6
11
IDRN,DSCH
DRN Bulk Discharge
VDD open, DRN = 12 V, Fault latch set
2
2.8
3.6
mA
OVERVOLTAGE FAULT
TZE(OVP)
Over voltage fault threshold at TZE
Fault latch set
4.85
5
5.15
V
TZE blanking and OVP sample time from the
tBLANK,OVP
0.6
1
1.7
μs
turn-off edge of DRN
ITZE(bias)
TZE Input bias current
TZE = 5 V
–0.1
–0.1
μA
OVERLOAD FAULT
IFB(OL)
Current to trigger overload delay timer
0
1.5
3
μA
tOL
Delay to overload fault
IFB = 0 A continuously
200
250
300
ms
Retry delay in retry mode or after shutdown
tRETRY
ROTM = 76 kΩ
750
ms
command
Boundary ROTM between latch-off and retry
ROTM(TH)
See (3)
100
120
150
k
modes
SHUTDOWN THRESHOLD
VOTM(SR)
Shutdown/retry threshold
OTM high to low
0.7
1
1.3
V
IOTM,PU
OTM current when OTM is pulled low
VOTM = VOTM(SR)
–600
–450
–300
μA
MAXIMUM ON TIME
Latch-off
ROTM = 383 kΩ
3.43
3.83
4.23
μs
tOTM
Shutdown/retry
ROTM = 76 kΩ
3.4
3.8
4.2
μs
VOTM
OTM voltage
2.7
3
3.3
V
THERMAL SHUTDOWN
TSD
(4)
Shutdown temperature
TJ, temperature rising
(4)
165
°C
TSD_HYS
(4)
Hysteresis
TJ, temperature falling, degrees below tSD
(4)
15
°C
(3)
A latch-off or a shutdown/retry fault response to a sustained overload is selected by the range of ROTM. To select the latch-off mode,
ROTM should be greater than 150 kΩ and tOTM is given by ROTM × (1.0 × 10
-11). To select the shutdown/retry mode, R
OTM should be less
than 100 k
Ω and tOTM is given by ROTM × (5.0 × 10
-11).
(4)
Thermal shutdown occurs at temperatures higher than the normal operating range. Device performance at or near thermal shutdown
temperature is not specified or assured.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS92210


Similar Part No. - TPS92210D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92210D TI1-TPS92210D Datasheet
575Kb / 29P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210D TI1-TPS92210D Datasheet
813Kb / 30P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210DR TI1-TPS92210DR Datasheet
575Kb / 29P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210DR TI1-TPS92210DR Datasheet
813Kb / 30P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
More results

Similar Description - TPS92210D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92210 TI1-TPS92210_10 Datasheet
575Kb / 29P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210 TI1-TPS92210_17 Datasheet
813Kb / 30P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
logo
SIFIRST TECHNOLOGIES NA...
SFL900C SIFIRST-SFL900C Datasheet
158Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
SFL900B SIFIRST-SFL900B Datasheet
160Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
logo
Excelliance MOS Corp.
EM8609A EXCELLIANCE-EM8609A Datasheet
161Kb / 6P
   Transition Mode PFC Controller for LED Lighting
logo
Unisonic Technologies
UCL5811 UTC-UCL5811 Datasheet
192Kb / 5P
   PSR & PFC LED DRIVER CONTROLLER
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Holtek Semiconductor In...
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
   Non-isolation Buck LED Lighting Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com