Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92210D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92210D
Description  NATURAL PFC LED LIGHTING DRIVER CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92210D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92210D Datasheet HTML 2Page - Texas Instruments TPS92210D Datasheet HTML 3Page - Texas Instruments TPS92210D Datasheet HTML 4Page - Texas Instruments TPS92210D Datasheet HTML 5Page - Texas Instruments TPS92210D Datasheet HTML 6Page - Texas Instruments TPS92210D Datasheet HTML 7Page - Texas Instruments TPS92210D Datasheet HTML 8Page - Texas Instruments TPS92210D Datasheet HTML 9Page - Texas Instruments TPS92210D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
7
6
I
P
I
FB
Q
Q
D
1/t
SW
I
FB
DRN
GND
I
FB
V
GATE
+
8
VDD
10V/8V
Enable
PWM
4
+
I
OTM
OTM
3 V
Shutdown
and Restart
1 V
2
TZE
Transformer
Zero Energy
Detect
Fault Timing
& Control
3
PCL
1
FB
Output
Voltage
Sense
On-Time Modulation
and Fault Response
Control
UVLO
Latch or
Retry
5
14 V
VCG
5 V
OV
Fault
7.5 kW
Driver
Bulk
Discharge
V
GATE
Enable
PWM
I
FB
+
13 V
+
10V/6V
Fault Latch
Reset
Fault Latch
Reset
HS
Drive
V
VDD
Switch
V
VCG
Reg
V
VCG
Shunt
Overload
Low-Power Mode
I
FB=0
I
FB>200 mA
Modulators
0 A <I
FB< 200 mA
I
FB
Feedback
Processing
I
FB
t
SW
Freq. Modulator
Current
Modulator
Thermal
Shutdown
UDG-09157
TPS92210
2 V
TPS92210
SLUS989 – JANUARY 2010
www.ti.com
DEVICE INFORMATION
Functional Block Diagram
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS92210


Similar Part No. - TPS92210D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92210D TI1-TPS92210D Datasheet
575Kb / 29P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210D TI1-TPS92210D Datasheet
813Kb / 30P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210DR TI1-TPS92210DR Datasheet
575Kb / 29P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210DR TI1-TPS92210DR Datasheet
813Kb / 30P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
More results

Similar Description - TPS92210D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92210 TI1-TPS92210_10 Datasheet
575Kb / 29P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210 TI1-TPS92210_17 Datasheet
813Kb / 30P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
logo
SIFIRST TECHNOLOGIES NA...
SFL900C SIFIRST-SFL900C Datasheet
158Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
SFL900B SIFIRST-SFL900B Datasheet
160Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
logo
Excelliance MOS Corp.
EM8609A EXCELLIANCE-EM8609A Datasheet
161Kb / 6P
   Transition Mode PFC Controller for LED Lighting
logo
Unisonic Technologies
UCL5811 UTC-UCL5811 Datasheet
192Kb / 5P
   PSR & PFC LED DRIVER CONTROLLER
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Holtek Semiconductor In...
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
   Non-isolation Buck LED Lighting Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com