Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650731RSL Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS650731RSL
Description  Single Chip Power Solution for Battery Powered Systems
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650731RSL Datasheet(HTML) 2 Page - Texas Instruments

  TPS650731RSL Datasheet HTML 1Page - Texas Instruments TPS650731RSL Datasheet HTML 2Page - Texas Instruments TPS650731RSL Datasheet HTML 3Page - Texas Instruments TPS650731RSL Datasheet HTML 4Page - Texas Instruments TPS650731RSL Datasheet HTML 5Page - Texas Instruments TPS650731RSL Datasheet HTML 6Page - Texas Instruments TPS650731RSL Datasheet HTML 7Page - Texas Instruments TPS650731RSL Datasheet HTML 8Page - Texas Instruments TPS650731RSL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
SLVS950B – JULY 2009 – REVISED DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
OUTPUT
OUTPUT CURRENT AT
PGOOD,
OUTPUT VOLTAGE AT
OUTPUT VOLTAGE
TOUCH SCREEN
VOLTAGE AT
PART NUMBER
(1)
DCDC1 DCDC2
AT LDO1 / LDO2
CONTROLLER
DCDC1 / DCDC2 / DCDC3
RESET DELAY
DCDC3
1.0V / 1.2V
3.3V
1.8V / 1.2V
0.6A / 1.5A / 1.5A
400ms
Yes
TPS65070RSL
(OMAP-L1x8)
1.8V / 3.3V
1.2V / 1.4V
3.3V
1.2V / 1.2V
3 x 600 mA
20ms
No
TPS65072RSL
(Atlas IV)
1.8V / 2.5V
1.2V / 1.35V
1.8V
0.6A / 0.6A / 1.5A
1.8V / 1.8V
400ms
Yes
TPS65073RSL
(OMAP35xx)
1.2V / 1.8V
External sequencing
1.2V / 1.35V
1.8V
0.6A / 0.6A / 1.5A
1.8V / 1.8V
400ms
Yes
TPS650731RSL
(OMAP35xx)
1.2V / 1.8V
Internal sequencing
1.2V / 1.35V
1.8V
0.6A / 0.6A / 1.5A
1.8V / 1.8V
400ms
Yes
TPS650732RSL
(AM3505)
1.8V / 3.3V
Internal sequencing
(1)
The RSL package is available in tape and reel. Add R suffix (TPS65070RSLR) to order quantities of 2500 parts per reel. Add T suffix
(TPS65070RSLT) to order quantities of 250 parts per reel.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE / UNIT
Voltage range on all pins except the pins listed below with respect to AGND
–0.3 to 7V
Voltage range on pins INT, RESET, PGOOD, PB_OUT with respect to AGND
–0.3 to V(AVDD6)
Voltage range on pins VINDCDC1/2, VINDCDC3, VINLDO respect to AGND
–0.3 to V(SYS)
Voltage range on pins AD_IN1, AD_IN2, AD_IN3, AD_IN4 with respect to AGND
–0.3 to 3.3 V
Voltage range on pins ISINK1, ISINK2, AC, USB
–0.3 to 20 V
Voltage range on pin L4 (output voltage of boost converter), FB_wLED
–0.3 to 40 V
Current at SYS, AC, USB, BAT, L3
3000 mA
Current at all other pins
1000 mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature, TA
40°C to 85°C
Maximum junction temperature, TJ
125°C
Storage temperature, Tst
–65°CC to 150°C
Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
(1)
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
RθJA
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
RSL
37 K/W
2.6 W
26 mW/K
1.48 W
1.0 W
(1)
The thermal resistance R
θJ-P junction to PowerPAD of the RSL package is 1.1 K/W. The value for RθJ-A was measured on a high K
board.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65070 TPS65072 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS650731RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650731RSL TI-TPS650731RSL Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650731RSL TI-TPS650731RSL Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI1-TPS650731RSLR Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650731RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com