Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9246RGCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9246RGCR
Description  Digital PWM System Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9246RGCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD9246RGCR Datasheet HTML 7Page - Texas Instruments UCD9246RGCR Datasheet HTML 8Page - Texas Instruments UCD9246RGCR Datasheet HTML 9Page - Texas Instruments UCD9246RGCR Datasheet HTML 10Page - Texas Instruments UCD9246RGCR Datasheet HTML 11Page - Texas Instruments UCD9246RGCR Datasheet HTML 12Page - Texas Instruments UCD9246RGCR Datasheet HTML 13Page - Texas Instruments UCD9246RGCR Datasheet HTML 14Page - Texas Instruments UCD9246RGCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
UCD9246
www.ti.com
SLVSA34 – JANUARY 2010
PIN NO.
PIN NAME
DESCRIPTION
47
BPCap
1.8V bypass capacitor connection
48
AGND1
Analog Ground
49
AGND2
Analog Ground
50
EAP1
Error analog, differential voltage. Positive channel #1 input
51
EAN1
Error analog, differential voltage. Negative channel #1 input
52
EAP2
Error analog, differential voltage. Positive channel #2 input
53
EAN2
Error analog, differential voltage. Negative channel #2 input
54
EAP3
Error analog, differential voltage. Positive channel #3 input
55
EAN3
Error analog, differential voltage. Negative channel #3 input
56
EAP4
Error analog, differential voltage. Positive channel #4 input
57
EAN4
Error analog, differential voltage. Negative channel #4 input
58
V33FB
Connection to the base of the 3.3V linear regulator transistor. (no connect if not using an external
transistor)
59
CS-1A
Power stage 1A current sense input and input to analog comparator 1
60
ADDR-1
Address sense input. Channel 1
61
ADDR-0
Address sense input. Channel 0
62
CS-2B
Power stage 2B current sense input
63
CS-1B
Power stage 1B current sense input
64
AGND3
Analog Ground
PowerPad
PowerPad
It is recommended that this pad be connected to analog ground
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - UCD9246RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240 TI-UCD9240 Datasheet
565Kb / 21P
[Old version datasheet]   UCD9240 Digital Point of Load System Controller
UCD9240 TI-UCD9240 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9246RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com