Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1301A-BWLT Datasheet(PDF) 7 Page - ams AG

Part # AS1301A-BWLT
Description  5V/50mA Low Noise Inductorless Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1301A-BWLT Datasheet(HTML) 7 Page - ams AG

Back Button AS1301A-BWLT Datasheet HTML 3Page - ams AG AS1301A-BWLT Datasheet HTML 4Page - ams AG AS1301A-BWLT Datasheet HTML 5Page - ams AG AS1301A-BWLT Datasheet HTML 6Page - ams AG AS1301A-BWLT Datasheet HTML 7Page - ams AG AS1301A-BWLT Datasheet HTML 8Page - ams AG AS1301A-BWLT Datasheet HTML 9Page - ams AG AS1301A-BWLT Datasheet HTML 10Page - ams AG AS1301A-BWLT Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
7 - 16
AS1301
Data Sheet - Ty pi cal Operating Characte ristics
Figure 15. Efficiency vs. Output Current; VIN = 3V
Figure 16. Efficiency vs. Output Current; VIN = 3.3V
Figure 17. Efficiency vs. Output Current; VIN = 3.5V
Figure 18. Efficiency vs. Output Current; VIN = 4V
Figure 19. Efficiency vs. Output Current; VIN = 4.3V
Figure 20. Efficiency vs. Output Current; VIN = 4.7V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
1:2
mode
2:3
mode
1:2
mode
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
1:2
mode
2:3
mode
1:2
mode
2:3
mode
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
2:3
mode
1:2
mode
2:3
mode


Similar Part No. - AS1301A-BWLT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1301A-BWLT AMSCO-AS1301A-BWLT Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
More results

Similar Description - AS1301A-BWLT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
AS1302 AMSCO-AS1302 Datasheet
1Mb / 18P
   5V/30mA Adaptive Inductorless Boost Converter
logo
Linear Technology
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3252 LINER-LTC3252 Datasheet
292Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
   Low-Noise Boost DC-DC Converter
logo
Richtek Technology Corp...
RT9277A RICHTEK-RT9277A Datasheet
218Kb / 12P
   High Performance, Low Noise Boost Converter
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
   High Performance, Low Noise Boost Converter
logo
Fitipower Integrated Te...
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
   Low-Noise Boost DC-DC Converter
logo
Linear Technology
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com