Selected language     English  ā–¼


W005 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part No. W005
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Homepage  http://www.c-y.com.tw
Logo 

   
 1 page
background image
W005 thru W10 SERIES
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
Surge overload rating-50 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Mounting Position: Any
Electrically isolated base-1800 volts
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS
CURRENT
1.0 Amperes
W005
W01
W02
W04
W06
W08
W10
Maximum Average Forward
0
T
Output Current @
=25 C
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
V(AV)
IFSM
V
F
TJ
TSTG
IR
2
It
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
2
I t Rating for fusing(t<8.3ms)
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load
Maximum DC Forward Voltage
drop per element at 1.0A DC
0
T
Maximum DC Reverse Current at rated @
=25 C
A
0
T
DC Blocking Voltage Per Element @
=100 C
A
UNITS
50
100
200
400
600
800
1000
V
V
V
A
mA
2
A S
0C
0C
A
A
V
35
70
140
280
420
560
700
60
100
200
400
10
1
3.7
-55 to +125
-55 to +150
1.0
30
1.1
600
800
1000




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl