Selected language     English  ā–¼


W005M Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part No. W005M
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Homepage  http://www.c-y.com.tw
Logo 

   
 1 page
background image
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS
FEATURES
High reverse voltage to 1000V
Surge overload ratings to 50 amperes peak
Good for printed circuit board assembly
Mounting position: Any
Weight: 1.20 grams
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS
CURRENT
1.5 Amperes
Maximum Average Forward
0
T
Rectified Current at @
=25 C
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
IFSM
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
UNITS
UNITS
50
100
200
400
600
800
1000
V
V
V
V
A
A
35
70
140
280
420
560
700
50
100
200
400
1.5
1.0
50
10
1
600
800
1000
0
(At TA=25 C unless otherwise noted)
0
(At TA=25 C unless otherwise noted)
Operating Temperature Range
Storage Temperature Range
TJ
TSTG
I O
W005M
W005M
W01M
W01M
W02M
W02M
W04M
W04M
W06M
W06M
W08M
W08M
W010M
W010M
0C
0C
-55 to +125
-55 to +150
ELECTRICAL CHARACTERISTICS
RATINGS
CHARACTERISTICS
V
F
IR
0
T
@
=25 C
A
0
T
@
=100 C
A
A
mA
Maximum Forward Voltage drop per element of 1.0A DC
Maximum Reverse Current at Rated
DC Blocking Voltage per element
SYMBOLS
W005M thru W10M




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl