Electronic Components Datasheet Search
Selected language     English  ā–¼


W005M Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part No. W005M
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Homepage  http://www.c-y.com.tw
Logo 

   
 2 page
background image
W005M thru W10M
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
CHENG- YI
ELECTRONIC
0
AMBIENT TEMPERATURE, ( C)
Fig.3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.2 - TYPICAL FORWARD CURRENT
DERATING CURVE
Fig.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE. (%)
0
10
20
30
40
50
NUMBER OF CYCLES AT 60 Hz
Fig.1 - MAXIMUM NUN-REPETITIVE
FORWARD SURGE CURRENT
0
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, (V)
20
20
20
10
6
4
2
1
100
60
60
60
80
80
100
100
120
120
140
140
40
40
40
.01
.01
.1
.1
1.0
1.0
10
10
20
.4
.2
.6
.8
1.0
1.2
1.4
1.6
0
T =25 C
J
0
T =25 C
J
Pulse Width-300 s
1% Duty Cycle
8.3ms Single Half Sine-Wave
(JEDEC Method)
Single Phase Half Wave
60Hz Inductive or
Resistive Load
RATING AND CHARACTERISTICS CURVES
W005M THRU W10M




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl