Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B08 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # B08
Description  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

B08 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  B08 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. B08 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B1 thru B10
SURFACE MOUNT
GLASS PASSIVATED
BRIDGE RECTIFIERS
SURFACE MOUNT
GLASS PASSIVATED
BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Lead in plated copper
MECHANICAL DATA
Polarity: Symbol molded on body
Weight: 0.0044 ounces, 0.125 grams
Mounting position: Any
CHENG- YI
CHENG- YI
ELECTRONIC
REVERSE VOLTAGE -100 to 1000 Volts
FORWARD CURRENT -0.8 Amperes
B1
B2
B4
B10
B8
B6
Maximum Average Forward
0
T
Rectified Current (Note 1) @
=40 C
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
V(AV)
IFSM
V
F
TJ
TSTG
IR
CJ
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
Maximum Forward Voltage at 0.4A DC
0
T
Maximum DC Reverse Current @ =25 C
J
0
T
at rated DC Blocking Voltage @ =125 C
J
UNITS
100
200
400
600
800
1000
V
V
V
A
0C
0C/W
0C
A
A
V
70
140
280
420
560
700
100
200
400
5
500
15
75
-55 to +150
-55 to +150
0.8
30
1.0
600
800
1000
Typical Junction Capacitance per element (Note2)
Typical Thermal Resistance (Note3)
R JA
pF
NOTES: 1.Mounted on P.C. Board.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal Resistance Junction to Ambient.
M
Notch in case
~
~
+
-
.195 (4.95)
.205 (5.21)
.095 (2.41)
.105 (2.67)
.145 (3.68)
.155 (3.94)
.180 (4.57)
.190 (4.83)
.019 (0.48)
.027 (0.71)
.096 (2.44)
.100 (2.54)
.020 (0.51)
.028 (0.71)
.008 (0.20)
.012 (0.30)
oo
0
(0)
oo
10 (10 )
.007 (0.18)
.013 (0.33)
.107 (2.72)
.117 (2.97)
.038 (0.96)
.047 (1.19)
.100 (2.54)


Similar Part No. - B08

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B08 DBLECTRO-B08 Datasheet
212Kb / 1P
   FEMALE HEADER PROFILE : 8.5mm STRAIGHT
logo
E-SWITCH
B080000 E-SWITCH-B080000 Datasheet
21Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B080001 E-SWITCH-B080001 Datasheet
21Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B080002 E-SWITCH-B080002 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B080003 E-SWITCH-B080003 Datasheet
37Kb / 1P
   All Dimension In Mm
More results

Similar Description - B08

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Weitron Technology
DF005S WEITRON-DF005S Datasheet
295Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
DF15005S WEITRON-DF15005S Datasheet
281Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
HY ELECTRONIC CORP.
B05S HY-B05S Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DF005S HY-DF005S Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DF2005S HY-DF2005S_17 Datasheet
147Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DB201S HY-DB201S_17 Datasheet
147Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
FABS205 HY-FABS205 Datasheet
326Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com