Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ2K Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # KBJ2K
Description  SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

KBJ2K Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  KBJ2K Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. KBJ2K Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ/KBJ2A thru GBJ/KBJ2M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz.
For capacitive load, derate current by 20%.
FEATURES
Surge overload rating-50 amperes peak
Ideal for printed circuit board
Plastic material has Underwriters Laboratory
Flammability classification 94V-O
Mounting Position: Any
CHENG- YI
CHENG- YI
ELECTRONIC
GBJ
KBJ
2A
GBJ
KBJ
2B
GBJ
KBJ
2D
GBJ
KBJ
2G
GBJ
KBJ
2J
GBJ
KBJ
2K
GBJ
KBJ
2M
Maximum Average Forward
0
T
Output Current @
=50 C
(Note 1)
A
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Operating Temperature Range TJ
Storage Temperature Range TA
Peak Forward Surge Current
8.3 ms single half sine-wave
super imposed on rated load
Maximum DC Forward Voltage
drop per element at 1.0A Peak
Maximum DC Reverse Current at Rate
DC Blocking Voltage per Element
Maximum Reverse Current at Rated
0
DC Blocking Voltage per Element
TA=100 C
UNITS
50
100
200
400
600
800
1000
V
V
V
A
mA
0C
0C
A
A
V
35
70
140
280
420
560
700
50
100
200
400
10.0
1.0
-55 to +125
-55 to +150
2.0
50.0
1.0
600
800
1000
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
REVERSE VOLTAGE -50 to 1000 Volts
FORWARD CURRENT -4.0 Amperes
NOTE: 1. Mounting conditions, 0.5" lead length maximum.


Similar Part No. - KBJ2K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ2K WTE-KBJ2K Datasheet
48Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ2K DAESAN-KBJ2K Datasheet
273Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ2K BILIN-KBJ2K Datasheet
103Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBJ2K LUGUANG-KBJ2K Datasheet
175Kb / 2P
   Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
KBJ2K DSK-KBJ2K Datasheet
166Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ2K

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBU4A CHENG-YI-GBU4A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ20A CHENG-YI-KBJ20A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6A CHENG-YI-GBU6A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ25A CHENG-YI-KBJ25A Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8A CHENG-YI-GBU8A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 CHENG-YI-GBL005 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8A CHENG-YI-KBJ8A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ15A CHENG-YI-KBJ15A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU10A CHENG-YI-GBU10A Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBU10A CHENG-YI-KBU10A Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ6A CHENG-YI-KBJ6A Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com