Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP8
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP8 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP8 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP8 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
MP8 SERIES
CHENG- YI
CHENG- YI
ELECTRONIC
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
MP8 SERIES
FIG. 2 - DERATING CURVE
OUTPUT RECTIFIED CURRENT
0
TEMPERATURE, C
HEAT-SINK
MOUNTING TC
PC MOUNTING TA
10
8
6
4
2
0
50
100
150
FIG. 4- TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
FIG. 3 - TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
100
10
1.0
0.1
0.01
0
1
10
100
170
FIG. 1 - MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz


Similar Part No. - MP8

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP8 EMERSON-NETWORKPOWER-MP8 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
logo
Astec America, Inc
MP8-2N-1E-1N-1Q-4NE-00 ASTEC-MP8-2N-1E-1N-1Q-4NE-00 Datasheet
411Kb / 8P
   400-1200 Watts
logo
Emerson Network Power
MP8-2N-1E-1N-1Q-4NE-00 EMERSON-NETWORKPOWER-MP8-2N-1E-1N-1Q-4NE-00 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
logo
Astec America, Inc
MP8-3A-2A-2E-30 ASTEC-MP8-3A-2A-2E-30 Datasheet
411Kb / 8P
   400-1200 Watts
logo
Emerson Network Power
MP8-3A-2A-2E-30 EMERSON-NETWORKPOWER-MP8-3A-2A-2E-30 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
More results

Similar Description - MP8

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com