Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ10K Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # GBJ10K
Description  SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

GBJ10K Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  GBJ10K Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. GBJ10K Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing
molded plastic technique results in
inexpensive product
The plastic material has UL
flammability classification 94V-O
GBJ/KBJ10A thru GBJ/KBJ10M
CHENG- YI
CHENG- YI
ELECTRONIC
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
REVERSE VOLTAGE -50 to 1000 Volts
FORWARD CURRENT -10.0 Amperes
GBJ
KBJ
10A
GBJ
KBJ
10B
GBJ
KBJ
10D
GBJ
KBJ
10G
GBJ
KBJ
10J
GBJ
KBJ
10K
GBJ
KBJ
10M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Rating at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Average Forward (with heatsink Note 2)
0
T
Rectified Current @
=110 C
(without heatsink)
C
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
I(AV)
IFSM
V
F
T
J
TSTG
IR
Maximum RMS Voltage
Maximum DC Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum Forward Voltage at 5.0A DC
0
T
Maximum DC Reverse Current @ =25 C
J
0
T
at rated DC Blocking Voltage
@
=125 C
J
UNITS
50
100
200
400
600
800
1000
V
V
V
A
2
A S
0C
0C/W
0C
A
A
V
35
70
140
280
420
560
700
50
100
200
400
5.0
500
-55 to +150
-55 to +150
10.0
200
1.05
600
800
1000
2
I t Rating for fusing (t<8.3ms)
Typical Junction Capacitance
per element (Note 1)
Typical Thermal Resistance (Note 2)
2
It
C
J
RJC
120
55
1.4
F
P
3.0
NOTES: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Device mounted on 150mm x 150mm X 1.6mm Cu Plate Heatsink.
CHARACTERISTICS
SYMBOL
5.16
HIKE FOR NO.
6 SCRES
SPACING


Similar Part No. - GBJ10K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ10K PANJIT-GBJ10K Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
GBJ10K WTE-GBJ10K Datasheet
61Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBJ10K PANJIT-GBJ10K Datasheet
41Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
GBJ10K GOOD-ARK-GBJ10K Datasheet
134Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 10.0 Amperes
logo
List of Unclassifed Man...
GBJ10K ETC2-GBJ10K Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - GBJ10K

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBU4A CHENG-YI-GBU4A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ20A CHENG-YI-KBJ20A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6A CHENG-YI-GBU6A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ25A CHENG-YI-KBJ25A Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8A CHENG-YI-GBU8A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 CHENG-YI-GBL005 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8A CHENG-YI-KBJ8A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ15A CHENG-YI-KBJ15A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU10A CHENG-YI-GBU10A Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBU10A CHENG-YI-KBU10A Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ6A CHENG-YI-KBJ6A Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com