Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU1501 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # GBU1501
Description  SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

GBU1501 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  GBU1501 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. GBU1501 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
RATING AND CHARACTERISTICS CURVES
GBU 10A/15A/25A/35A SERIES
100
10
1
0
50
100
150
200
250
300
GBU 15/25/35
GBU 10
GBU 10A/15A/25A/35A SERIES
FIG. 2 - DERATING CURVE
OUTPUT RECTIFIED CURRENT
0
TEMPERATURE, C
FIG. 1 - MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
40
30
20
10
0
50
150
100
GBU 35
GBU 25
GBU 15
GBU 10
FIG. 4- TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
o
TJ=25 C
FIG. 3 - TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
100
10
1.0
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
GBU 25
GBU 15
GBU 10
GBU 35


Similar Part No. - GBU1501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBU1501 ETC2-GBU1501 Datasheet
63Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBU1501 SECOS-GBU1501 Datasheet
246Kb / 2P
   15Amp Glass Passivated Bridge Rectifiers
GBU1501 SECOS-GBU1501 Datasheet
190Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
GBU1501 JUXING-GBU1501 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
RFE international
GBU1501 RFE-GBU1501 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
More results

Similar Description - GBU1501

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBU4A CHENG-YI-GBU4A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ20A CHENG-YI-KBJ20A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6A CHENG-YI-GBU6A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ25A CHENG-YI-KBJ25A Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8A CHENG-YI-GBU8A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 CHENG-YI-GBL005 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8A CHENG-YI-KBJ8A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ15A CHENG-YI-KBJ15A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBU10A CHENG-YI-KBU10A Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ6A CHENG-YI-KBJ6A Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com