Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1352-C0CF-T Datasheet(PDF) 5 Page - ams AG

Part # AS1352-C0CF-T
Description  Programmable Quad LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1352-C0CF-T Datasheet(HTML) 5 Page - ams AG

  AS1352-C0CF-T Datasheet HTML 1Page - ams AG AS1352-C0CF-T Datasheet HTML 2Page - ams AG AS1352-C0CF-T Datasheet HTML 3Page - ams AG AS1352-C0CF-T Datasheet HTML 4Page - ams AG AS1352-C0CF-T Datasheet HTML 5Page - ams AG AS1352-C0CF-T Datasheet HTML 6Page - ams AG AS1352-C0CF-T Datasheet HTML 7Page - ams AG AS1352-C0CF-T Datasheet HTML 8Page - ams AG AS1352-C0CF-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.austriamicrosystems.com
Revision 1.31
5 - 10
AS1352
Data Sheet - Ap p lica tio n In fo r m a tio n
7 Application Information
Figure 3. Typical AS1352-uxyz Application
One-Time Programming Procedure Output Voltages
The four LDOs can be programmed and burned to any output voltage between 1.8V and 3.3V in steps of 0.1V. Cus-
tomers can burn the desired output voltages onsite using the austriamicrosystems programming board.
Furthermore, the AS1352 is available in pre-programmed versions with fixed output voltages (see Ordering Information
on page 9).
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VPERI
VCORE
CMOS
Sensor
2.5V
2.9V
VPERI
VCORE
Camera
IC
3.0V
1.8V
100nF (Improved Noise Performance)
Microprocessor
AS1352-7BC0
VOUT1
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VOUT2
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VOUT3
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VOUT4
VDD
EN1
EN2
EN3
EN4
GND
GND
REF
3V
VDD


Similar Part No. - AS1352-C0CF-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
More results

Similar Description - AS1352-C0CF-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
AS1351 AMSCO-AS1351 Datasheet
160Kb / 2P
   Programmable Dual LDO
AS1357 AMSCO-AS1357 Datasheet
160Kb / 2P
   Programmable Triple LDO
AS1357 AMSCO-AS1357_1 Datasheet
299Kb / 10P
   Programmable Triple LDO
AS1351 AMSCO-AS1351_1 Datasheet
275Kb / 10P
   Programmable Dual LDO
logo
ELMOS Semiconductor AG
E522.51 ELMOS-E522.51 Datasheet
260Kb / 2P
   Dual Buck - Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
logo
National Semiconductor ...
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com