Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC2501W Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # GBPC2501W
Description  15/25/35 A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

GBPC2501W Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  GBPC2501W Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. GBPC2501W Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBPC15,25,35/W SERIES
15/25/35 A GLASS
PASSIVATED BRIDGE RECTIFIER
15/25/35 A GLASS
PASSIVATED BRIDGE RECTIFIER
FEATURES
Glass Passivated Die Construction
Low Reverse Leakage Current
Low Power Loss, High Efficiency
Electrically lsolated Epoxy Case for
Maximum Heat Dissipation
Case to Terminal lsolation Voltage 2500V
UL Recognized File #E157705
MECHANICAL DATA
Cass: Epoxy Cass With Heat Sink Internally
Mounted in Bridge Encapsulation
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Symbols Marked on Case
Mounting: Through Hole for #10 Screw
Weight: GBPC
24 grams (approx.)
GBPC-W
21 grams (approx.)
Marking: Type Number
"W" Suffix Designates Wire Leads
No Suffix Designates Faston Terminals
*ALL Models Available on Dim. B=7.9mm Max. Epoxy Case
CHENG- YI
CHENG- YI
ELECTRONIC
0
T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS @
=25 C unless otherwise specified
A
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
VRRM
VRWM
VR
VR(RMS)
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
UNITS
50
100
200
400
600
800
1000
V
V
35
70
140
280
420
560
700
Average Rectifier Output Current
0
T
@
=55 C
C
IO
A
15
25
35
GBPC15
GBPC25
GBPC35
2
A S
2
I t Rating for Fusing (t<8.3ms)
(Note.1)
2
It
375
375
660
GBPC15
GBPC25
GBPC35
IFSM
V
FM
IRM
Non-Repetitive Peak Forward Surge
Current 8.3ms single half sine-wave
Superimposed on rated load
(JEDEC Mehtod)
Forward Voltage Drop
(per element)
0
T
@
=25 C
C
0
T
@
=125 C
C
A
A
V
5.0
500
300
300
400
1.1
GBPC15
GBPC25
GBPC35
GBPC15 @I =7.5A
F
GBPC25 @I =12.5A
F
GBPC35 @I =17.5A
F
Peark Reverse Current
At Rated DC Blocking Voltage
Characteristics
Symbol
-00/W
-01/W
-02/W
-04/W
-06/W
-08/W
-10/W
GBPC
Dim
A
*B
C
D
E
G
H
Min
Min
Max
Max
GBPC-W
28.40
7.30
15.70
17.50
22.86
28.40
7.30
17.10
10.90
30.50
28.70
7.90
16.70
18.50
25.40
28.70
7.90
19.10
11.90
_
Hole for #10 screw, 5.08
Nominal
6.35 Typical
ALLDimension in mm
0.97
1.07
GBPC
GBPC-W


Similar Part No. - GBPC2501W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC2501W PANJIT-GBPC2501W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes)
logo
RFE international
GBPC2501W RFE-GBPC2501W Datasheet
2Mb / 3P
   Bridge Rectifiers
1-06-2023
logo
Diodes Incorporated
GBPC2501W DIODES-GBPC2501W Datasheet
71Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
GBPC2501W DIODES-GBPC2501W Datasheet
370Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
logo
Won-Top Electronics
GBPC2501W WTE-GBPC2501W Datasheet
62Kb / 4P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBPC2501W

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
GBPC3501 YFWDIODE-GBPC3501 Datasheet
462Kb / 3P
   35 A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBPC FAIRCHILD-GBPC Datasheet
41Kb / 3P
   12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
FB3500 ETC1-FB3500 Datasheet
35Kb / 2P
   35 Amp. Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
GBU15005F ZSELEC-GBU15005F Datasheet
73Kb / 2P
   15 A LOW VF GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
SB1505G TSC-SB1505G Datasheet
70Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15 Datasheet
103Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15_11 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC15 YANGJIE-GBPC15 Datasheet
294Kb / 2P
   HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
FB2506 ETC1-FB2506 Datasheet
188Kb / 2P
   25 Amp. Glass Passivated Bridge Rectifier
logo
Micro Commercial Compon...
GBJ25005 MCC-GBJ25005_17 Datasheet
633Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com