Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1359-BTTT-25 Datasheet(PDF) 8 Page - ams AG

Part # AS1359-BTTT-25
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1359-BTTT-25 Datasheet(HTML) 8 Page - ams AG

Back Button AS1359-BTTT-25 Datasheet HTML 4Page - ams AG AS1359-BTTT-25 Datasheet HTML 5Page - ams AG AS1359-BTTT-25 Datasheet HTML 6Page - ams AG AS1359-BTTT-25 Datasheet HTML 7Page - ams AG AS1359-BTTT-25 Datasheet HTML 8Page - ams AG AS1359-BTTT-25 Datasheet HTML 9Page - ams AG AS1359-BTTT-25 Datasheet HTML 10Page - ams AG AS1359-BTTT-25 Datasheet HTML 11Page - ams AG AS1359-BTTT-25 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
8 - 14
AS1358/AS1359
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 14. Load Transient Response,
VIN = 3.8V, VOUT = 3.3V
Figure 15. Load Transient Response near Dropout,
VIN = 3.4V, VOUT = 3.3V
200µs/Div
200µs/Div
Figure 16. Line Transient Response
Figure 17. Enter & Exit Shutdown Delay
200µs/Div
200µs/Div


Similar Part No. - AS1359-BTTT-25

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1359-BTTT-25 AMSCO-AS1359-BTTT-25 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
More results

Similar Description - AS1359-BTTT-25

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com