Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY253 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # BY253
Description  MEDIUM CURRENT PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

BY253 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  BY253 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. BY253 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES
BY251 THRU BY255
BY251 thru BY255
MEDIUM CURRENT PLASTIC RECTIFIER
MEDIUM CURRENT PLASTIC RECTIFIER
0
TEMPERATURE, C
Fig.1 - FORWARD CURRENT DERATING CURVE
1=.25"(6.3mm)
1=.50"(12.7mm)
1=.301"(.79min)
TJ=Both Leads to
Heat Sink with
Lengths (f) AS shown
T =Ambient Temperature
A
0.275(9.5mm) Lead
Lengths P.C. Board mounting
Resistive or inductive Load
4
2
1
0
3
5
7
6
8
40
60
80
100
120
140
160
180
Fig.2 - MAXIMUM PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine Wave
JEDEC Method
NON-REPETIVE
REPETIVE
0
T =150C
J
100
100
50
50
5
5
1
1
10
10
50
50
10
10
5
100
100
200
Fig.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.0
0.8
0.6
.01
.03
0.1
0.3
1.0
3.0
10
30
100
1.2
1.4
1.6
1.8
2.0
Pulse Width-300 s
2% DUTY CYCLE
0
T =25C
J
0
T =25C
J
f=1MHz
Visg=50m Vp-p
Fig.4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE(V)
Fig.5 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
20
0
40
140
60
80
100
120
0.1
1.0
10
.01
0
T =25C
A
0
T =100C
A


Similar Part No. - BY253

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY253 DIOTEC-BY253 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
BY253 DIOTEC-BY253 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Transys Electronics
BY253 TRSYS-BY253 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

Similar Description - BY253

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY251 PANJIT-BY251_09 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
BY251 PANJIT-BY251_04 Datasheet
59Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Shenzhen Yixinwei Techn...
BY255 YIXIN-BY255 Datasheet
143Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Transys Electronics
BY251 TRSYS-BY251 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
General Semiconductor
GI910 GE-GI910 Datasheet
44Kb / 2P
   MEDIUM-SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI910 VISHAY-GI910 Datasheet
71Kb / 4P
   Medium Switching Plastic Rectifier
Revision: 10-Nov-09
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
ON Semiconductor
TRA3225 ONSEMI-TRA3225 Datasheet
71Kb / 8P
   Medium-Current Silicon Rectifier
October, 2000 ??Rev. 1
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520 Datasheet
192Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com