Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1360 Datasheet(PDF) 3 Page - ams AG

Part # AS1360
Description  1.5uA Low-Power, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 3 Page - ams AG

  AS1360_1 Datasheet HTML 1Page - ams AG AS1360_1 Datasheet HTML 2Page - ams AG AS1360_1 Datasheet HTML 3Page - ams AG AS1360_1 Datasheet HTML 4Page - ams AG AS1360_1 Datasheet HTML 5Page - ams AG AS1360_1 Datasheet HTML 6Page - ams AG AS1360_1 Datasheet HTML 7Page - ams AG AS1360_1 Datasheet HTML 8Page - ams AG AS1360_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.austriamicrosystems.com/AS1360
Revision 1.04
3 - 12
AS1360
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Input Voltage
+30
V
Continuous Output Current
PD/
(VIN - VOUT)
mA
Peak Output Current
500
mA
Output Voltage
- 0.3V
VIN + 0.3V
or +7V
V
Minimum of the two values
Thermal Resistance
ΘJA
230
ºC/W
Typical FR4, 4-layer application
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-40
+125
ºC
Electrostatic Discharge (ESD)
Protection Level
1kV
HBM - Norm: MIL 883 E methode 3015
Package Body Temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
compliance with IPC/JEDEC J-STD-020D
“Moisture/ Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.


Similar Part No. - AS1360_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1360-18-T AMSCO-AS1360-18-T Datasheet
1Mb / 14P
   1.5A Low-Power, Posi t ive Vol tage Regulator
AS1360 AMSCO-AS1360_11 Datasheet
1Mb / 14P
   1.5A Low-Power, Posi t ive Vol tage Regulator
More results

Similar Description - AS1360_1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6239 HMSEMI-HM6239 Datasheet
568Kb / 7P
   250mA load, 1.5uA low power consumption, 30V high withstand voltage linear regulator
HM6217 HMSEMI-HM6217 Datasheet
451Kb / 7P
   250mA Loaded, 1.5uA Low Power, Suppressed Output Overshoot, 30V High-Voltage Linear Regulator
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
   Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com