Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1363 Datasheet(PDF) 7 Page - ams AG

Part # AS1363
Description  500mA, Low-Dropout Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 7 Page - ams AG

Back Button AS1363 Datasheet HTML 3Page - ams AG AS1363 Datasheet HTML 4Page - ams AG AS1363 Datasheet HTML 5Page - ams AG AS1363 Datasheet HTML 6Page - ams AG AS1363 Datasheet HTML 7Page - ams AG AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG AS1363 Datasheet HTML 10Page - ams AG AS1363 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
7 - 14
AS1363
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Quiescent Current vs. Temperature;
VIN = 3.0V
Figure 10. PSRR vs. Frequency; IOUT = 10mA,
CIN = 68nF,
0
20
40
60
80
100
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
no l oad
Iout =100mA
-90
-80
-70
-60
-50
10
100
1000
10000
100000
Frequency (Hz)
Figure 11. Line Transient Response;
VIN = 3.0V to 3.5V, IOUT = 100mA
Figure 12. Load Transient Response;
VIN = 3.0V, IOUT = 50mA to 250mA
1ms/Div
5µs/Div
Figure 13. Startup; VIN = 3.0V, IOUT = 100mA
Figure 14. Startup; VIN = 3.0V, IOUT = 100mA
1ms/Div
20µs/Div


Similar Part No. - AS1363

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
282Kb / 19P
   1A Low Dropout Linear Voltage Regulator
AS1363-BSTT-12 AMSCO-AS1363-BSTT-12 Datasheet
282Kb / 19P
   1A Low Dropout Linear Voltage Regulator
AS1363-BSTT-15 AMSCO-AS1363-BSTT-15 Datasheet
282Kb / 19P
   1A Low Dropout Linear Voltage Regulator
AS1363-BSTT-18 AMSCO-AS1363-BSTT-18 Datasheet
282Kb / 19P
   1A Low Dropout Linear Voltage Regulator
AS1363-BSTT-30 AMSCO-AS1363-BSTT-30 Datasheet
282Kb / 19P
   1A Low Dropout Linear Voltage Regulator
More results

Similar Description - AS1363

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com