Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1362-BTTT-285 Datasheet(PDF) 10 Page - ams AG

Part # AS1362-BTTT-285
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1362-BTTT-285 Datasheet(HTML) 10 Page - ams AG

Back Button AS1362-BTTT-285 Datasheet HTML 6Page - ams AG AS1362-BTTT-285 Datasheet HTML 7Page - ams AG AS1362-BTTT-285 Datasheet HTML 8Page - ams AG AS1362-BTTT-285 Datasheet HTML 9Page - ams AG AS1362-BTTT-285 Datasheet HTML 10Page - ams AG AS1362-BTTT-285 Datasheet HTML 11Page - ams AG AS1362-BTTT-285 Datasheet HTML 12Page - ams AG AS1362-BTTT-285 Datasheet HTML 13Page - ams AG AS1362-BTTT-285 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.austriamicrosystems.com
Revision 1.03
10 - 15
AS1361/AS1362
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 18. AS1361/AS1362 - Block Diagram
Power-OK
The power-ok circuitry is built around an N-channel MOSFET. The circuitry monitors the output voltage and if the volt-
age goes out of regulation (e.g. during dropout, current limit, or thermal shutdown) pin POK goes low.
The power-OK feature is not active during shutdown and provides a power-on-reset (POR) function that can operate
down to VIN = 1V. A capacitor to GND may be added to generate a POR delay.
To obtain a logic-level output, connect a pull-up resistor from pin POK to pin OUT. Larger values for this resistor will
help minimize current consumption; a 100k
Ω resistor is perfect for most applications (see Figure 1 on page 1).
Current Limit
The AS1361/AS1362 include a current limiting circuitry to monitor and control the P-channel MOSFET pass transis-
tor’s gate voltage, thus limiting the device output current to 270mA (AS1361) and 510mA (AS1362).
Note: See Table 4 on page 4 for the recommended min and max current limits. The output can be shorted to ground
indefinitely without causing damage to the device.
Thermal Protection
Integrated thermal protection circuitry limits total power dissipation in the AS1361/AS1362. When the junction temper-
ature (TJ) exceeds +160ºC, the thermal sensor signals the shutdown logic, turning off the P-channel MOSFET pass
transistor and allowing the device to cool down. The thermal sensor turns the pass transistor on again after the
device’s junction temperature drops by 10ºC, resulting in a pulsed output during continuous thermal-overload condi-
tions.
Note: Thermal protection is designed to protect the devices in the event of fault conditions. For continuous operation,
do not exceed the absolute maximum junction temperature rating of +150ºC.
Operating Region and Power Dissipation
The AS1361/AS1362 maximum power dissipation is dependant on the thermal resistance of the case and PCB, the
temperature difference between the die junction and TAMB, and airflow rate.
Power dissipation across the device is calculated as:
PD = IOUT (VIN - VOUT)(EQ 1)
AS1361/AS1362
Shutdown and
Power-Down
Control
Thermal
Sensor
OUT
IN
SHDNN
GND
BYPASS
-
+
MOS
Driver w/
ILIMIT
Error
Amp
POK
+
95%
1.25 Reference
and Noise Bypass


Similar Part No. - AS1362-BTTT-285

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1362-BTTT-285 AMSCO-AS1362-BTTT-285 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
More results

Similar Description - AS1362-BTTT-285

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com