Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1704 Datasheet(PDF) 2 Page - ams AG

Part # AS1704
Description  1.8W Single-Channel Audio Power Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1704 Datasheet(HTML) 2 Page - ams AG

  AS1704 Datasheet HTML 1Page - ams AG AS1704 Datasheet HTML 2Page - ams AG AS1704 Datasheet HTML 3Page - ams AG AS1704 Datasheet HTML 4Page - ams AG AS1704 Datasheet HTML 5Page - ams AG AS1704 Datasheet HTML 6Page - ams AG AS1704 Datasheet HTML 7Page - ams AG AS1704 Datasheet HTML 8Page - ams AG AS1704 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
2 - 20
AS1702 - AS1705
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions – MSOP-10 and TDFN-10 Package
Pin
Name
Description
1SHDN
Shutdown Input. The polarity of this pin is dependent on the state of pin SHDM.
2IN-
Inverting Input
3
SHDM
Shutdown-Mode Polarity Input. This pin controls the polarity of pin SHDN.
Connect this pin high for an active-high SHDN input. Connect this pin low for an
active-low SHDN input (see Table 6 on page 11).
4IN+
Non-Inverting Input
5BIAS
DC Bias Bypass
6OUT-
Bridge Amplifier Negative Output
7GND
Ground
8N/C
Not Connected. No internal connection.
9VCC
Power Supply
10
OUT+
Bridge Amplifier Positive Output
1
2
3
4
10
9
8
7
SHDN
IN-
SHDM
IN+
OUT+
VCC
N/C
GND
AS1702/
AS1703/
AS1704/
AS1705
5
BIAS
6
OUT-
1
2
3
4
10
9
8
7
SHDN
IN-
SHDM
IN+
OUT+
VCC
N/C
GND
AS1702V/
AS1703V/
AS1704V/
AS1705V
5
BIAS
6
OUT-
10-pin MSOP Package
10-pin DFN Package


Similar Part No. - AS1704

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1704 AMSCO-AS1704 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
AS1704-T AMSCO-AS1704-T Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
More results

Similar Description - AS1704

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
   Audio Power Amplifiers (Continued)
logo
Maxim Integrated Produc...
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
   1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
   Dual 5.8W Audio Power Amplifiers
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
logo
Maxim Integrated Produc...
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
   1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
logo
MOSA ELECTRONICS
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com