Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1915 Datasheet(PDF) 4 Page - ams AG

Part # AS1915
Description  Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1915 Datasheet(HTML) 4 Page - ams AG

  AS1915 Datasheet HTML 1Page - ams AG AS1915 Datasheet HTML 2Page - ams AG AS1915 Datasheet HTML 3Page - ams AG AS1915 Datasheet HTML 4Page - ams AG AS1915 Datasheet HTML 5Page - ams AG AS1915 Datasheet HTML 6Page - ams AG AS1915 Datasheet HTML 7Page - ams AG AS1915 Datasheet HTML 8Page - ams AG AS1915 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
4 - 15
AS1910 - AS1915
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VCC = +2.7 to +3.6V for AS19xx-T/S/R, VCC = +2.1 to +2.75V for AS19xx- Z/Y, VCC = +1.53 to +2.0V for AS19xx-W/V;
TAMB = -40 to +125ºC (unless otherwise specified). Typ values @ TAMB = +25°C.
Table 4. Electrical Characteristics
Symbol
Parameter
1
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
TAMB = 0 to +85ºC
1.0
3.6
V
TAMB = -40 to +125ºC
1.2
3.6
ICC
VCC Supply Current
(MRN and WDI Not Connected)
VCC = +3.6V, No Load,
TAMB = -40ºC to +85ºC
5.8
13
µA
VCC = +3.6V, No Load,
TAMB = -40 to +125ºC
21
ICC2
VCC2 Supply Current
VCC2 = +2.5V
2
µA
VTH
VCC Reset Threshold
(VCC Falling)
TAMB = -40 to +85ºC
AS19xx-T
2.994
3.08
3.154
V
TAMB = -40 to +125ºC
2.972
3.179
TAMB = -40 to +85ºC
AS19xx-S
2.848
2.93
3.000
TAMB = -40 to +125ºC
2.827
3.024
TAMB = -40 to +85ºC
AS19xx-R
2.556
2.63
2.693
TAMB = -40 to +125ºC
2.538
2.714
TAMB = -40 to +85ºC
AS19xx-Z
2.255
2.32
2.376
TAMB = -40 to +125ºC
2.239
2.394
TAMB = -40 to +85ºC
AS19xx-Y
2.129
2.19
2.243
TAMB = -40 to +125ºC
2.113
2.260
TAMB = -40 to +85ºC
AS19xx-W
1.623
1.67
1.710
TAMB = -40 to +125ºC
1.612
1.723
TAMB = -40 to +85ºC
AS19xx-V
1.536
1.58
1.618
TAMB = -40 to +125ºC
1.525
1.631
VTH2
VCC2 Reset Threshold
TAMB = -40 to +85ºC
AS19xx-Z
2.237 2.313
2.387
V
TAMB = -40 to +125ºC
2.232
2.394
TAMB = -40 to +85ºC
AS19xx-Y
2.116
2.188
2.258
TAMB = -40 to +125ºC
2.111
2.265
TAMB = -40 to +85ºC
AS19xx-W
1.610 1.665
1.718
TAMB = -40 to +125ºC
1.607
1.723
TAMB = -40 to +85ºC
AS19xx-V
1.523 1.575
1.625
TAMB = -40 to +125ºC
1.520
1.630
TAMB = -40 to +85ºC
AS19xx-I
1.342 1.388
1.432
TAMB = -40 to +125ºC
1.339
1.437
TAMB = -40 to +85ºC
AS19xx-H
1.270 1.313
1.355
TAMB = -40 to +125ºC
1.267
1.359
TAMB = -40 to +85ºC
AS19xx-G
1.073
1.11
1.146
TAMB = -40 to +125ºC
1.071
1.149
TAMB = -40 to +85ºC
AS19xx-F
1.015
1.05
1.084
TAMB = -40 to +125ºC
1.013
1.087
TAMB = -40 to +85ºC
AS19xx-E
0.806 0.833
0.860
TAMB = -40 to +125ºC
0.804
0.862
TAMB = -40 to +85ºC
AS19xx-D
0.762 0.788
0.813
TAMB = -40 to +125ºC
0.760
0.816


Similar Part No. - AS1915

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1915 AMSCO-AS1915 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
More results

Similar Description - AS1915

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com