Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP60 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # GPP60
Description  GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

GPP60 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  GPP60 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. GPP60 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
GPP60 SERIES
GLASS PASSIVATED RECTIFIER
GLASS PASSIVATED RECTIFIER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Operating and Storage Temperature Range TA
Typical Reverse Recovery Time (Note 2)
Typical Junction Capacitance (Note 1)
Peak Forward Surge Current 8.3 ms single half sine-wave
Maximum Forward Voltage at 6.0A Peak
Maximum Average Forward Rectified Current,
0
.375", (9.5mm) Lead Length at T =55 C
A
Maximum DC Reverse Current, Full Cycle Average,
0
.375", (9.5mm) Lead Length at T =55 C
A
Maximum Reverse Current, Rated DC Blocking Voltage
GPP60A GPP60B GPP60D GPP60G GPP60J GPP60K GPP60M
UNITS
50
100
200
400
600
800
1000
V
V
V
0C
A
A
pF
V
35
70
140
280
420
560
700
50
100
200
400
1.5
60
-65 to +175
6.0
250
10
100
1.0
1.1
600
800
1000
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Signle phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
A
S
A
Notes : 1. Measured at 1.0MHz and applied reverse voltage of 4.0 VDC
2. Measured with IF=.5A, IR=1A, Irr=.25A
FEATURE
Glass passivated junction
Low forward voltage
High current capability
Low leakage current
High surge capability
Low cost
MECHANICAL DATA
Case:Mold plastic use UL 94V-0 recognized
flame retardant epoxy
Terminals:Axial leads, solderable per
MIL-STD-202, method 208
Polarity:Color band denotes cathode
Mounting Position:Any
VOLTAGE RANGE 50 TO 1000 Volts
CURRENT 6.0 Amperes
P600


Similar Part No. - GPP60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
52Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
16-Mar-04
GPP60A VISHAY-GPP60A Datasheet
70Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 18-Aug-09
logo
Shenzhen Taychipst Elec...
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
83Kb / 4P
   Glass Passivated Junction Plastic Rectifier
08-Feb-17
GPP60A VISHAY-GPP60A_09 Datasheet
70Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 18-Aug-09
More results

Similar Description - GPP60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
1N4001G ETC2-1N4001G Datasheet
155Kb / 2P
   GLASS PASSIVATED RECTIFIER
1N5391G ETC2-1N5391G Datasheet
154Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HER301G SAMYANG-HER301G Datasheet
433Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RL151G-157G WINNERJOIN-RL151G-157G Datasheet
96Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Digitron Semiconductors
1N5624 DIGITRON-1N5624 Datasheet
128Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GPP30 CHENG-YI-GPP30 Datasheet
110Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Galaxy Semi-Conductor H...
UF4001G BILIN-UF4001G Datasheet
82Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
1G1-1G7 ETC2-1G1-1G7 Datasheet
112Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
16AF05C MIC-16AF05C Datasheet
54Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com