Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43867A4395M002 Datasheet(PDF) 6 Page - EPCOS

Part # B43867A4395M002
Description  Aluminum electrolytic capacitors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43867A4395M002 Datasheet(HTML) 6 Page - EPCOS

Back Button B43867A4395M002 Datasheet HTML 2Page - EPCOS B43867A4395M002 Datasheet HTML 3Page - EPCOS B43867A4395M002 Datasheet HTML 4Page - EPCOS B43867A4395M002 Datasheet HTML 5Page - EPCOS B43867A4395M002 Datasheet HTML 6Page - EPCOS B43867A4395M002 Datasheet HTML 7Page - EPCOS B43867A4395M002 Datasheet HTML 8Page - EPCOS B43867A4395M002 Datasheet HTML 9Page - EPCOS B43867A4395M002 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case dimensions
d
× l
mm
IAC,R
120 Hz
140
°C
mA
IAC,R
100 kHz
140
°C
mA
Ordering code
(composition see below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 16 × 31.5 mm)
004 = for J leads, blister
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 10 × 20 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 16 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 mm)
VR = 160 V DC
22
10
× 20
145
217
B43867A1226M***
33
12.5
× 20
200
300
B43867A1336M***
47
12.5
× 25
270
405
B43867A1476M***
68
16
× 20
345
517
B43867A1686M***
100
16
× 25
450
675
B43867A1107M***
VR = 200 V DC
10
10
× 20
90
135
B43867A2106M***
15
10
× 20
120
180
B43867A2156M***
22
12.5
× 20
170
255
B43867A2226M***
33
12.5
× 25
225
337
B43867A2336M***
47
12.5
× 25
270
405
B43867A2476M***
68
16
× 25
370
555
B43867A2686M***
100
16
× 31.5
495
742
B43867A2107M***
VR = 250 V DC
10
10
× 20
95
142
B43867F2106M***
15
12.5
× 20
120
180
B43867F2156M***
22
12.5
× 25
185
277
B43867F2226M***
33
12.5
× 25
225
337
B43867F2336M***
47
16
× 31.5
330
495
B43867F2476M***
VR = 350 V DC
3.3
10
× 20
55
82
B43867A4335M***
3.9
10
× 20
65
97
B43867A4395M***
4.7
10
× 20
75
112
B43867A4475M***
6.8
12.5
× 20
90
135
B43867A4685M***
10
12.5
× 25
122
183
B43867A4106M***
22
16
× 25
210
315
B43867A4226M***
33
16
× 31.5
280
420
B43867A4336M***
B43867
High reliability
140
°C
Page 6 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43867A4395M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43867A4395M002 EPCOS-B43867A4395M002 Datasheet
630Kb / 23P
   Aluminum electrolytic capacitors
More results

Similar Description - B43867A4395M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com