Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1977-T Datasheet(PDF) 9 Page - ams AG

Part # AS1977-T
Description  Ultra-Low Current, 1.8V Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1977-T Datasheet(HTML) 9 Page - ams AG

Back Button AS1977-T Datasheet HTML 5Page - ams AG AS1977-T Datasheet HTML 6Page - ams AG AS1977-T Datasheet HTML 7Page - ams AG AS1977-T Datasheet HTML 8Page - ams AG AS1977-T Datasheet HTML 9Page - ams AG AS1977-T Datasheet HTML 10Page - ams AG AS1977-T Datasheet HTML 11Page - ams AG AS1977-T Datasheet HTML 12Page - ams AG AS1977-T Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
9 - 17
AS1976/AS1977
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 21. tPD- 1.8V
Figure 22. 10kHz Response @ 1.8V
Figure 23. 1kHz Response @ 5V
Figure 24. Powerup/Powerdown Response
20µs/Div
4µs/Div
40µs/Div
200µs/Div


Similar Part No. - AS1977-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1977-T AMSCO-AS1977-T Datasheet
883Kb / 18P
   Ultra-Low Current, 1.8V Comparators
More results

Similar Description - AS1977-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1976 AMSCO-AS1976 Datasheet
152Kb / 2P
   Ultra-Low Current, 1.8V Comparators
AS1976 AMSCO-AS1976_07 Datasheet
883Kb / 18P
   Ultra-Low Current, 1.8V Comparators
logo
3PEAK INC.
TP1941 3PEAK-TP1941 Datasheet
1Mb / 23P
   68ns, 1.8V, Ultra-low Power, RRI, Push-Pull Output Comparators
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Golledge Electronics Lt...
GXO-5301G GOLLEDGE-GXO-5301G Datasheet
597Kb / 5P
   Miniature 1.8V Low Current Consumption Oscillator
logo
3PEAK INC.
TP1945 3PEAK-TP1945 Datasheet
655Kb / 20P
   1.8V Micropower, RRIO, Open-Drain Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com